Electronic Components Datasheet Search
  English  ▼

X  

ADF4196 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4196
Description  Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4196 Datasheet(HTML) 3 Page - Analog Devices

  ADF4196 Datasheet HTML 1Page - Analog Devices ADF4196 Datasheet HTML 2Page - Analog Devices ADF4196 Datasheet HTML 3Page - Analog Devices ADF4196 Datasheet HTML 4Page - Analog Devices ADF4196 Datasheet HTML 5Page - Analog Devices ADF4196 Datasheet HTML 6Page - Analog Devices ADF4196 Datasheet HTML 7Page - Analog Devices ADF4196 Datasheet HTML 8Page - Analog Devices ADF4196 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADF4196
SPECIFICATIONS
AVDD = DVDD1, DVDD2, DVDD3 = SDVDD = 3 V ± 10%; VP1, VP2 = 5 V ± 10%; VP3 = 5.35 V ± 5%; AGND1, AGND2 = DGND1, DGND2, DGND3 = 0 V;
RSET = 2.4 kΩ; dBm referred to 50 Ω; TA = TMIN to TMAX, unless otherwise noted. Operating temperature range = −40°C to +85°C.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RF CHARACTERISTICS
RF Input Frequency (RF
IN±)
0.4
6
GHz
See Figure 21 for input circuit
RF Input Sensitivity
−10
0
dBm
Maximum Allowable Prescaler Output
Frequency1
750
MHz
REF
IN CHARACTERISTICS
REF
IN Input Frequency
300
MHz
For f > 120 MHz, set REF/2 bit = 1 (Register R1)
REF
IN Edge Slew Rate
300
V/µs
REF
IN Input Sensitivity
0.7
V
DD
V p-p
AC-coupled
0 to V
DD
V
CMOS compatible
REF
IN Input Capacitance
10
pF
REF
IN Input Current
±100
µA
PHASE DETECTOR
Phase Detector Frequency
26
MHz
CHARGE PUMP
I
CP Up/Down
High Value
6.6
mA
R
SET = 2.4 kΩ
Low Value
104
µA
R
SET = 2.4 kΩ
Absolute Accuracy
5
%
R
SET Range
1
4
kΩ
Nominally R
SET = 2.4 kΩ
I
CP Three-State Leakage
1
nA
I
CP Up vs. Down Matching
0.1
%
0.75 V ≤ V
CP ≤ VP1, VP2, VP3 − 1.5 V
I
CP vs. VCP
1
%
0.75 V ≤ V
CP ≤ VP1, VP2, VP3 − 1.5 V
I
CP vs. Temperature
1
%
0.75 V ≤ V
CP ≤ VP1, VP2, VP3 − 1.5 V
DIFFERENTIAL AMPLIFIER
Input Current
1
nA
Output Voltage Range
1.4
V
P3 − 0.3
V
VCO Tuning Range
1.8
V
P3 − 0.8
V
Output Noise
7
nV/√Hz
At 20 kHz offset
LOGIC INPUTS
Input High Voltage, V
IH
1.4
V
Input Low Voltage, V
IL
0.7
V
Input Current, I
INH, IINL
±1
µA
Input Capacitance, C
IN
10
pF
LOGIC OUTPUTS
Output High Voltage, V
OH
V
DD − 0.4
V
I
OH = 500 µA
Output Low Voltage, V
OL
0.4
V
I
OL = 500 µA
POWER SUPPLIES
AV
DD
2.7
3.3
V
DV
DD1, DVDD2, DVDD3
AV
DD
V
V
P1, VP2
4.5
5.5
V
AV
DD ≤ VP1, VP2 ≤ 5.5 V
V
P3
5.0
5.65
V
V
P1, VP2 ≤ VP3 ≤ 5.65 V
I
DD (AVDD + DVDD1, DVDD2, DVDD3 +
SDV
DD)
22
27
mA
I
DD (VP1 + VP2)
22
27
mA
I
DD (VP3)
24
30
mA
I
DD Power-Down
10
µA
Rev. D | Page 3 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com