Electronic Components Datasheet Search
  English  ▼

X  

ADF4196 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4196
Description  Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4196 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4196 Datasheet HTML 7Page - Analog Devices ADF4196 Datasheet HTML 8Page - Analog Devices ADF4196 Datasheet HTML 9Page - Analog Devices ADF4196 Datasheet HTML 10Page - Analog Devices ADF4196 Datasheet HTML 11Page - Analog Devices ADF4196 Datasheet HTML 12Page - Analog Devices ADF4196 Datasheet HTML 13Page - Analog Devices ADF4196 Datasheet HTML 14Page - Analog Devices ADF4196 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADF4196
Rev. D | Page 11 of 28
THEORY OF OPERATION
GENERAL DESCRIPTION
The ADF4196 is targeted at GSM base station requirements,
specifically to eliminate the need for ping-pong solutions.
It can also be used in pulse Doppler radar applications. The
ADF4196 works on the basis of fast lock, using a wide loop
bandwidth during a frequency change and narrowing the loop
bandwidth when frequency lock is achieved.
Widening the loop bandwidth is achieved by increasing the
charge pump current. To maintain stability with the changing
charge pump current, the ADF4196 includes switches that
change the loop filter component values.
The narrow loop bandwidth ensures that phase noise and spur
specifications are met. A differential charge pump and loop filter
topology ensure that the fast lock time benefit obtained from
widening the loop bandwidth is maintained when the loop is
restored to narrow bandwidth mode for normal operation.
REFERENCE INPUT
The reference input stage is shown in Figure 20. Switch SW1
and Switch SW2 are normally closed, and Switch SW3 is
normally open. During power-down, SW3 is closed, and SW1
and SW2 are opened to ensure that there is no loading of the
REFIN pin. The falling edge of REFIN is the active edge at the
positive edge triggered PFD.
Figure 20. Reference Input Stage
R Counter and Doubler
The 4-bit R counter allows the input reference frequency to
be divided down to produce the reference clock to the PFD.
A toggle flip-flop can be inserted after the R counter to provide
an additional divide-by-2. Using this option has the added
advantage of ensuring that the PFD reference clock has a 50/50
mark-to-space ratio. This ratio gives the maximum separation
between the fast lock timer clock, which is generated off the
falling edge of the PFD reference, and the rising edge, which is
the active edge in the PFD. It is recommended that this toggle
flip-flop be enabled for all even R divide values that are greater
than 2. The flip-flop must be enabled if dividing down a REFIN
frequency that is greater than 120 MHz.
An optional doubler before the 4-bit R counter can be used for
low REFIN frequencies, up to 20 MHz. With these programmable
options, reference division ratios from 0.5 to 30 between REFIN
and the PFD are possible.
RF INPUT STAGE
The RF input stage is shown in Figure 21. It is followed by a
two-stage limiting amplifier to generate the CML clock levels
needed for the prescaler. Two prescaler options are available:
4/5 and 8/9. Select the 8/9 prescaler for N divider values that
are greater than 80.
Figure 21. RF Input Stage
RF N Divider
The RF N divider allows a fractional division ratio in the PLL
feedback path. The integer and fractional parts of the division
are programmed using separate registers, as shown in Figure 22
and described in the INT, FRAC, and MOD Relationship section.
Integer division ratios from 26 to 511 are allowed, and a third-
order Σ-Δ modulator interpolates the fractional value between
the integer steps.
Figure 22. Fractional-N RF Divider
INT, FRAC, and MOD Relationship
The INT, FRAC, and MOD values, programmed through the
serial interface, make it possible to generate RF output frequencies
that are spaced by fractions of the PFD reference frequency.
The N divider value, shown inside the brackets of the following
equation for the RF VCO frequency (RFOUT), is composed of an
integer part (INT) and a fractional part (FRAC/MOD).
RFOUT = fPFD × [INT + (FRAC/MOD)]
(1)
where:
RFOUT is the output frequency of the external VCO.
fPFD is the PFD reference frequency.
The value of MOD is chosen to give the desired channel step
with the available reference frequency. Then, program the INT
and FRAC words for the desired RF output frequency. See the
Worked Example section for more information.
BUFFER
TO R COUNTER
REFIN
100kΩ
NC
SW2
SW3
NO
NC
SW1
POWER-DOWN
CONTROL
BIAS
GENERATOR
1.6V
AGND
AVDD
500Ω
500Ω
RFIN–
RFIN+
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRAC
VALUE
MOD
VALUE
INT
VALUE
RF N DIVIDER
N = INT + FRAC/MOD
FROM RF
INPUT STAGE
TO PFD
N COUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com