Electronic Components Datasheet Search
  English  ▼

X  

ADF4196 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF4196
Description  Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4196 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF4196 Datasheet HTML 16Page - Analog Devices ADF4196 Datasheet HTML 17Page - Analog Devices ADF4196 Datasheet HTML 18Page - Analog Devices ADF4196 Datasheet HTML 19Page - Analog Devices ADF4196 Datasheet HTML 20Page - Analog Devices ADF4196 Datasheet HTML 21Page - Analog Devices ADF4196 Datasheet HTML 22Page - Analog Devices ADF4196 Datasheet HTML 23Page - Analog Devices ADF4196 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADF4196
Data Sheet
Rev. D | Page 20 of 28
POWER-DOWN REGISTER (R5) BIT MAP
Figure 34. Bit Map for Register R5
R5, the power-down register, can be used to power down the PLL
and differential amplifier sections. After power is initially applied,
Register R5 must be programmed to clear the power-down bits.
Then, before the ADF4196 comes out of power-down, the R2,
R1, and R0 registers must be programmed.
Control Bits
Register R5 is selected with C3, C2, and C1 set to 1, 0, 1.
Power-Down Differential Amplifier
When the DB7 and DB6 bits are set to 1, the differential
amplifier is put into power-down. When DB7 and DB6 are set
to 0, normal operation resumes.
Power-Down Charge Pump
Setting Bit DB5 to 1 activates a charge pump power-down, and
the following events occur:
All active dc current paths are removed, except for the
differential amplifier.
The R and N divider counters are forced to their load state
conditions.
The charge pump is powered down with its outputs in
three-state mode.
The digital lock detect circuitry is reset.
The RFIN input is debiased.
The reference input buffer circuitry is disabled.
The serial interface remains active and capable of loading
and latching data.
For normal operation, set Bit DB5 to 0, followed by a write to R0.
CP Three-State
When the CP three-state bit is set to 1, the charge pump outputs
enter three-state. Setting the CP three-state bit to 0 enables the
charge pump outputs.
Counter Reset
When the counter reset bit is set to 1, the counters are held in reset.
For normal operation, set this bit to 0, followed by a write to R0.
DB7
F5
DB6
F4
DB5
F3
DB4
F2
DB3
F1
DB2
C3 (1)
DB1
C2 (0)
DB0
C1 (1)
CONTROL
BITS
PD
DIFF AMP
0
1
F4
0
1
F5
DISABLED
ENABLED
DIFF AMP
POWER-DOWN
0
1
F2
NORMAL OPERATION
3-STATE ENABLED
CHARGE PUMP
3-STATE
0
1
F1
NORMAL OPERATION
COUNTER RESET
COUNTER RESET
0
1
F3
DISABLED
ENABLED
CHARGE PUMP
POWER-DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com