Electronic Components Datasheet Search
  English  ▼

X  

ADF4196 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4196
Description  Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4196 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4196 Datasheet HTML 3Page - Analog Devices ADF4196 Datasheet HTML 4Page - Analog Devices ADF4196 Datasheet HTML 5Page - Analog Devices ADF4196 Datasheet HTML 6Page - Analog Devices ADF4196 Datasheet HTML 7Page - Analog Devices ADF4196 Datasheet HTML 8Page - Analog Devices ADF4196 Datasheet HTML 9Page - Analog Devices ADF4196 Datasheet HTML 10Page - Analog Devices ADF4196 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADF4196
Pin No.
Mnemonic
Description
23
R
SET
Connecting a resistor between this pin and GND sets the charge pump output current. The nominal voltage bias at
the R
SET pin is 0.55 V. The relationship between ICP and RSET is
SET
CP
R
I
25
.
0
=
Therefore, with R
SET = 2.4 kΩ, ICP = 104 µA.
24
V
P2
Power Supply Pin for the Charge Pump. Nominally 5 V, V
P2 should be at the same voltage as VP1. Place a 0.1 µF
decoupling capacitor to the ground plane as close as possible to this pin.
25
AIN−
Negative Input Pin for the Differential Amplifier.
26
CP
OUT−
Differential Charge Pump Negative Output Pin. Connect this pin to AIN− and the loop filter.
27
SW2
Fast Lock Switch 2. This switch is closed to SW
GND when the SW1/SW2 timeout counter is active.
28
SW
GND
Ground for SW1 and SW2 Switches. Connect this pin to the ground plane.
29
SW1
Fast Lock Switch 1. This switch is closed to SW
GND when the SW1/SW2 timeout counter is active.
30
CP
OUT+
Differential Charge Pump Positive Output Pin. Connect this pin to AIN+ and the loop filter.
31
AIN+
Positive Input Pin for the Differential Amplifier.
32
V
P3
Power Supply Pin for the Differential Amplifier. Ranges from 5.0 V to 5.5 V. Place a 0.1 µF decoupling capacitor to
the ground plane as close as possible to this pin. V
P3 also requires a 10 µF decoupling capacitor to the ground plane.
EP
Exposed Paddle. The exposed paddle must be connected to the ground plane.
Rev. D | Page 7 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com