Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 16 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 12Page - SMSC Corporation LPC47M192 Datasheet HTML 13Page - SMSC Corporation LPC47M192 Datasheet HTML 14Page - SMSC Corporation LPC47M192 Datasheet HTML 15Page - SMSC Corporation LPC47M192 Datasheet HTML 16Page - SMSC Corporation LPC47M192 Datasheet HTML 17Page - SMSC Corporation LPC47M192 Datasheet HTML 18Page - SMSC Corporation LPC47M192 Datasheet HTML 19Page - SMSC Corporation LPC47M192 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 228 page
background image
SMSC DS – LPC47M192
Page 16
Rev. 03/30/05
DATASHEET
QFP PIN#
NAME
DESCRIPTION
BUFFER
NAME
PWR
WELL
NOTES
97
GP54/
nDSR2
General Purpose I/O.
GPIO can be
configured as an Open-Drain Output.
Data Set Ready 2 Input. See nDSR1 pin
description above.
IO8
VCC
5
94
GP51/
nDCD2
General Purpose I/O.
GPIO can be
configured as an Open-Drain Output.
Data Carrier Detect 2 Input. See nDCD1 pin
description above.
IO8
VCC
5
92
GP50/
nRI2
General Purpose I/O.
GPIO can be
configured as an Open-Drain Output.
Ring Indicator 2 Input.
See nRI1 pin
description above.
IO8
VCC
5
PARALLEL PORT INTERFACE (17)
66
nINIT
This output is bit 2 of the printer control
register. This is used to initiate the printer
when low. Refer to Parallel Port description
for use of this pin in ECP and EPP mode.
Can be configured as an Open-Drain Output.
OP14
VCC
67
nSLCTIN
This active low output selects the printer.
This is the complement of bit 3 of the Printer
Control Register.
Refer to Parallel Port
description for use of this pin in ECP and
EPP mode.
Can be Configured as an Open-Drain
Output.
OP14
VCC
68
PD0
Port Data 0 I/O
IOP14
VCC
69
PD1
Port Data 1 I/O
IOP14
VCC
70
PD2
Port Data 2 I/O
IOP14
VCC
71
PD3
Port Data 3 I/O
IOP14
VCC
72
PD4
Port Data 4 I/O
IOP14
VCC
73
PD5
Port Data 5 I/O
IOP14
VCC
74
PD6
Port Data 6 I/O
IOP14
VCC
75
PD7
Port Data 7 I/O
IOP14
VCC
77
SLCT
This high active input from the printer
indicates that it has power on. Bit 4 of the
Printer Status Register reads the SLCT
input. Refer to Parallel Port description for
use of this pin in ECP and EPP mode.
I
VCC
78
PE
Another status input from the printer, a high
indicating that the printer is out of paper. Bit
5 of the Printer Status Register reads the PE
input. Refer to Parallel Port description for
use of this pin in ECP and EPP mode.
I
VCC
79
BUSY
This is a status input from the printer, a high
indicating that the printer is not ready to
receive new data. Bit 7 of the Printer Status
Register is the complement of the BUSY
input. Refer to Parallel Port description for
use of this pin in ECP and EPP mode.
I
VCC
80
nACK
A low active input from the printer indicating
that it has received the data and is ready to
accept new data. Bit 6 of the Printer Status
Register reads the nACK input.
Refer to
Parallel Port description for use of this pin in
ECP and EPP mode.
I
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com