| Electronic Components Datasheet Search |
|
LPC47M192 Datasheet(PDF) 17 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LPC47M192 Datasheet(HTML) 17 Page - SMSC Corporation |
|
17 / 228 page ![]() SMSC DS – LPC47M192 Page 17 Rev. 03/30/05 DATASHEET QFP PIN# NAME DESCRIPTION BUFFER NAME PWR WELL NOTES 81 nERROR A low on this input from the printer indicates that there is a error condition at the printer. Bit 3 of the Printer Status register reads the nERR input. Refer to Parallel Port description for use of this pin in ECP and EPP mode. I VCC 82 nALF This output goes low to cause the printer to automatically feed one line after each line is printed. The nALF output is the complement of bit 1 of the Printer Control Register. Refer to Parallel Port description for use of this pin in ECP and EPP mode. Can be configured as an Open-Drain Output. OP14 VCC 83 nSTROBE An active low pulse on this output is used to strobe the printer data into the printer. The nSTROBE output is the complement of bit 0 of the Printer Control Register. Refer to Parallel Port description for use of this pin in ECP and EPP mode. Can be configured as an Open-Drain Output. OP14 VCC KEYBOARD/MOUSE INTERFACE (6) 56 KDAT Keyboard Data I/O IOD16 VCC 5 57 KCLK Keyboard Clock I/O IOD16 VCC 58 MDAT Mouse Data I/O IOD16 VCC 5 59 MCLK Mouse Clock I/O IOD16 VCC 63 GP36/ nKBDRST General Purpose I/O. GPIO can be configured as an Open-Drain Output. Keyboard Reset Open-Drain Output IO8 VCC 10 64 GP37/ A20M General Purpose I/O. GPIO can be configured as an Open-Drain Output. Gate A20 Open-Drain Output IO8 VCC 10 GAME PORT (8) 32 GP10/ J1B1 General Purpose I/O. GPIO can be configured as an Open-Drain Output. Joystick 1 Button 1 Input IS/O8 VCC 5 33 GP11/ J1B2 General Purpose I/O. GPIO can be configured as an Open-Drain Output Joystick 1 Button 2 Input IS/O8 VCC 5 34 GP12/ J2B1 General Purpose I/O. GPIO can be configured as an Open-Drain Output Joystick 2 Button 1 Input IS/O8 VCC 5 35 GP13 J2B2 General Purpose I/O. GPIO can be configured as an Open-Drain Output Joystick 2 Button 2 Input IS/O8 VCC 5 36 GP14/ J1X General Purpose I/O. GPIO can be configured as an Open-Drain Output Joystick 1 X-Axis I/O IO12 VCC 5 37 GP15/ J1Y General Purpose I/O. GPIO can be configured as an Open-Drain Output Joystick 1 Y-Axis I/O IO12 VCC 5 38 GP16/ J2X General Purpose I/O. GPIO can be configured as an Open-Drain Output Joystick 2 X-Axis I/O IO12 VCC 5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |