Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 99 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 99 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 95Page - SMSC Corporation LPC47M192 Datasheet HTML 96Page - SMSC Corporation LPC47M192 Datasheet HTML 97Page - SMSC Corporation LPC47M192 Datasheet HTML 98Page - SMSC Corporation LPC47M192 Datasheet HTML 99Page - SMSC Corporation LPC47M192 Datasheet HTML 100Page - SMSC Corporation LPC47M192 Datasheet HTML 101Page - SMSC Corporation LPC47M192 Datasheet HTML 102Page - SMSC Corporation LPC47M192 Datasheet HTML 103Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 228 page
background image
SMSC DS – LPC47M192
Page 99
Rev. 03/30/05
DATASHEET
Wake Up From Auto Powerdown
If the part enters the powerdown state through the auto powerdown mode, then the part can be awakened by reset or
by appropriate access to certain registers.
If a hardware or software reset is used then the part will go through the normal reset sequence. If the access is
through the selected registers, then the FDC resumes operation as though it was never in powerdown. Besides
activating the PCI_RESET# pin or one of the software reset bits in the DOR or DSR, the following register accesses
will wake up the part:
1.
Enabling any one of the motor enable bits in the DOR register (reading the DOR does not awaken the part).
2.
A read from the MSR register.
3.
A read or write to the Data register.
Once awake, the FDC will reinitiate the auto powerdown timer for 10 ms. The part will powerdown again when all
the powerdown conditions are satisfied.
Register Behavior
Table 46illustrates the AT and PS/2 (including Model 30) configuration registers available and the type of access
permitted. In order to maintain software transparency, access to all the registers must be maintained. As Table 46
shows, two sets of registers are distinguished based on whether their access results in the part remaining in
powerdown state or exiting it.
Access to all other registers is possible without awakening the part. These registers can be accessed during
powerdown without changing the status of the part. A read from these registers will reflect the true status as shown
in the register description in the FDC description. A write to the part will result in the part retaining the data and
subsequently reflecting it when the part awakens. Accessing the part during powerdown may cause an increase in
the power consumption by the part. The part will revert back to its low power mode when the access has been
completed.
Pin Behavior
The LPC47M192 is specifically designed for systems in which power conservation is a primary concern. This makes
the behavior of the pins during powerdown very important.
The pins of the LPC47M192 can be divided into two major categories: system interface and floppy disk drive
interface. The floppy disk drive pins are disabled so that no power will be drawn through the part as a result of any
voltage applied to the pin within the part’s power supply range. Most of the system interface pins are left active to
monitor system accesses that may wake up the part.
Table 46 - PC/AT and PS/2 Available Registers
AVAILABLE REGISTERS
BASE +
ADDRESS
PC-AT
PS/2 (MODEL 30)
ACCESS PERMITTED
Access to these registers DOES NOT wake up the part
00H
----
SRA
R
01H
----
SRB
R
02H
DOR (1)
DOR (1)
R/W
03H
---
---
---
04H
DSR (1)
DSR (1)
W
06H
---
---
---
07H
DIR
DIR
R
07H
CCR
CCR
W
Access to these registers wakes up the part
04H
MSR
MSR
R
05H
Data
Data
R/W
Note 1: Writing to the DOR or DSR does not wake up the part, however, writing any of the motor enable bits or
doing a software reset (via DOR or DSR reset bits) will wake up the part.
System Interface Pins
Table 47 gives the state of the interface pins in the powerdown state. Pins unaffected by the powerdown are labeled
“Unchanged.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com