Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 60 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 60 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 56Page - SMSC Corporation LPC47M192 Datasheet HTML 57Page - SMSC Corporation LPC47M192 Datasheet HTML 58Page - SMSC Corporation LPC47M192 Datasheet HTML 59Page - SMSC Corporation LPC47M192 Datasheet HTML 60Page - SMSC Corporation LPC47M192 Datasheet HTML 61Page - SMSC Corporation LPC47M192 Datasheet HTML 62Page - SMSC Corporation LPC47M192 Datasheet HTML 63Page - SMSC Corporation LPC47M192 Datasheet HTML 64Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 228 page
background image
SMSC DS – LPC47M192
Page 60
Rev. 03/30/05
DATASHEET
Sense Interrupt Status
An interrupt signal is generated by the FDC for one of the following reasons:
1. Upon entering the Result Phase of:
a. Read Data command
b. Read A Track command
c. Read ID command
d. Read Deleted Data command
e. Write Data command
f.
Format A Track command
g. Write Deleted Data command
h. Verify command
2. End of Seek, Relative Seek, or Recalibrate command
The Sense Interrupt Status command resets the interrupt signal and, via the IC code and SE bit of Status Register 0,
identifies the cause of the interrupt.
Table 25 – Interrupt Identification
SE
IC
INTERRUPT DUE TO
0
1
1
11
00
01
Polling
Normal termination of Seek
or Recalibrate command
Abnormal termination of
Seek or Recalibrate
command
The Seek, Relative Seek, and Recalibrate commands have no result phase. The Sense Interrupt Status command
must be issued immediately after these commands to terminate them and to provide verification of the head position
(PCN). The H (Head Address) bit in ST0 will always return a “0”. If a Sense Interrupt Status is not issued, the drive
will continue to be BUSY and may affect the operation of the next command.
Sense Drive Status
Sense Drive Status obtains drive status information. It has not execution phase and goes directly to the result phase
from the command phase. Status Register 3 contains the drive status information.
Specify
The Specify command sets the initial values for each of the three internal times. The HUT (Head Unload Time)
defines the time from the end of the execution phase of one of the read/write commands to the head unload state.
The SRT (Step Rate Time) defines the time interval between adjacent step pulses. Note that the spacing between the
first and second step pulses may be shorter than the remaining step pulses. The HLT (Head Load Time) defines the
time between when the Head Load signal goes high and the read/write operation starts. The values change with the
data rate speed selection and are documented in Table 26. The values are the same for MFM and FM.
DMA operation is selected by the ND bit. When ND is “0”, the DMA mode is selected. This part does not support
non-DMA mode. In DMA mode, data transfers are signaled by the DMA request cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com