Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 100 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 100 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 96Page - SMSC Corporation LPC47M192 Datasheet HTML 97Page - SMSC Corporation LPC47M192 Datasheet HTML 98Page - SMSC Corporation LPC47M192 Datasheet HTML 99Page - SMSC Corporation LPC47M192 Datasheet HTML 100Page - SMSC Corporation LPC47M192 Datasheet HTML 101Page - SMSC Corporation LPC47M192 Datasheet HTML 102Page - SMSC Corporation LPC47M192 Datasheet HTML 103Page - SMSC Corporation LPC47M192 Datasheet HTML 104Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 228 page
background image
SMSC DS – LPC47M192
Page 100
Rev. 03/30/05
DATASHEET
Table 47 - State of System Pins in Auto Powerdown
SYSTEM PINS
STATE IN AUTO POWERDOWN
LAD[3:0]
Unchanged
LDRQ#
Unchanged
LPCPD#
Unchanged
LFRAME#
Unchanged
PCI_RESET#
Unchanged
PCI_CLK
Unchanged
SER_IRQ
Unchanged
FDD Interface Pins
All pins in the FDD interface which can be connected directly to the floppy disk drive itself are either DISABLED or
TRISTATED. Pins used for local logic control or part programming are unaffected.
Table 48 depicts the state of the floppy disk drive interface pins in the powerdown state.
Table 48 - State of Floppy Disk Drive Interface Pins in Powerdown
FDD PINS
STATE IN AUTO POWERDOWN
INPUT PINS
nRDATA
Input
nWRTPRT
Input
nTRK0
Input
nINDEX
Input
nDSKCHG
Input
OUTPUT PINS
nMTR0
Tristated
nDS0
Tristated
nDIR
Active
nSTEP
Active
nWDATA
Tristated
nWGATE
Tristated
nHDSEL
Active
DRVDEN[0:1]
Active
UART Power Management
Direct power management is controlled by CR22. Refer to CR22 for more information.
Auto Power Management is enabled by CR23-B4 and B5. When set, these bits allow the following auto power
management operations:
1.
The transmitter enters auto powerdown when the transmit buffer and shift register are empty.
2.
The receiver enters powerdown when the following conditions are all met:
A. Receive FIFO is empty
B. The receiver is waiting for a start bit.
Note:
While in powerdown the Ring Indicator interrupt is still valid and transitions when the RI input changes.
Exit Auto Powerdown
The transmitter exits powerdown on a write to the XMIT buffer. The receiver exits auto powerdown when RXDx
changes state.
MPU-401 Power Management
Direct power management is controlled by CR22. Refer to CR22 for more information.
Auto Power Management is enabled by CR23-B6. When set, this bit allows the following auto power management
operations
1.
The transmitter enters auto powerdown when the transmit buffer and shift register are empty
2.
The receiver enters powerdown when the following conditions are all met:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com