Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 88 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 88 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 84Page - SMSC Corporation LPC47M192 Datasheet HTML 85Page - SMSC Corporation LPC47M192 Datasheet HTML 86Page - SMSC Corporation LPC47M192 Datasheet HTML 87Page - SMSC Corporation LPC47M192 Datasheet HTML 88Page - SMSC Corporation LPC47M192 Datasheet HTML 89Page - SMSC Corporation LPC47M192 Datasheet HTML 90Page - SMSC Corporation LPC47M192 Datasheet HTML 91Page - SMSC Corporation LPC47M192 Datasheet HTML 92Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 228 page
background image
SMSC DS – LPC47M192
Page 88
Rev. 03/30/05
DATASHEET
5.
If nWAIT is asserted, the chip inserts wait states into I/O write cycle until the peripheral deasserts
nWAIT or a time-out occurs.
6.
The chip drives the final sync, deasserts nDATASTB or nADDRSTRB and latches the data from the
internal data bus for the PData bus.
7.
Chip may modify nWRITE, PDIR and nPDATA in preparation of the next cycle.
EPP 1.7 Read
The timing for a read operation (data) is shown in timing diagram EPP 1.7 Read Data cycle. The chip inserts wait
states into the I/O read cycle when nWAIT is active low during the EPP cycle. This can be used to extend the cycle
time. The read cycle can complete when nWAIT is inactive high.
Read Sequence of Operation
1.
The host sets PDIR bit in the control register to a logic “1”. This deasserts nWRITE and tri-states the
PData bus.
2.
The host initiates an I/O read cycle to the selected EPP register.
3.
Chip asserts nDATASTB or nADDRSTRB indicating that PData bus is tri-stated, PDIR is set and the
nWRITE signal is valid.
4.
If nWAIT is asserted, the chip inserts wait states into the I/O read cycle until the peripheral deasserts
nWAIT or a time-out occurs.
5.
The Peripheral drives PData bus valid.
6.
The Peripheral deasserts nWAIT, indicating that PData is valid and the chip may begin the termination
phase of the cycle.
7.
The chip drives the final sync and deasserts nDATASTB or nADDRSTRB.
8.
Peripheral tri-states the PData bus.
9.
Chip may modify nWRITE, PDIR and nPDATA in preparation of the next cycle.
Table 40 - EPP Pin Descriptions
EPP
SIGNAL
EPP NAME
TYPE
EPP DESCRIPTION
nWRITE
nWrite
O
This signal is active low. It denotes a write operation.
PD<0:7>
Address/Data
I/O
Bi-directional EPP byte wide address and data bus.
INTR
Interrupt
I
This signal is active high and positive edge triggered. (Pass
through with no inversion, Same as SPP).
nWAIT
nWait
I
This signal is active low.
It is driven inactive as a positive
acknowledgement from the device that the transfer of data is
completed. It is driven active as an indication that the device
is ready for the next transfer.
nDATASTB
nData Strobe
O
This signal is active low.
It is used to denote data read or
write operation.
nRESET
nReset
O
This signal is active low.
When driven active, the EPP
device is reset to its initial operational mode.
nADDRSTB
Address
Strobe
O
This signal is active low. It is used to denote address read or
write operation.
PE
Paper End
I
Same as SPP mode.
SLCT
Printer
Selected
Status
I
Same as SPP mode.
nERR
Error
I
Same as SPP mode.
Note 1: SPP and EPP can use 1 common register.
Note 2: nWrite is the only EPP output that can be over-ridden by SPP control port during an EPP cycle. For correct
EPP read cycles, PCD is required to be a low.
7.8.2 EXTENDED CAPABILITIES PARALLEL PORT
ECP provides a number of advantages, some of which are listed below. The individual features are explained in
greater detail in the remainder of this section.
High performance half-duplex forward and reverse channel Interlocked handshake, for fast reliable transfer Optional
single byte RLE compression for improved throughput (64:1) Channel addressing for low-cost peripherals Maintains
link and data layer separation Permits the use of active output drivers permits the use of adaptive signal timing
Peer-to-peer capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com