Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 55 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 55 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 51Page - SMSC Corporation LPC47M192 Datasheet HTML 52Page - SMSC Corporation LPC47M192 Datasheet HTML 53Page - SMSC Corporation LPC47M192 Datasheet HTML 54Page - SMSC Corporation LPC47M192 Datasheet HTML 55Page - SMSC Corporation LPC47M192 Datasheet HTML 56Page - SMSC Corporation LPC47M192 Datasheet HTML 57Page - SMSC Corporation LPC47M192 Datasheet HTML 58Page - SMSC Corporation LPC47M192 Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 228 page
background image
SMSC DS – LPC47M192
Page 55
Rev. 03/30/05
DATASHEET
execution and results. Except where noted in Table 20, the C or R value of the sector address is automatically
incremented (see Table 22).
Table 19 – Effects of MT and N Bits
MT
N
MAXIMUM TRANSFER
CAPACITY
FINAL SECTOR READ
FROM DISK
0
1
0
1
0
1
1
1
2
2
3
3
256 x 26 = 6,656
256 x 52 = 13,312
512 x 15 = 7,680
512 x 30 = 15,360
1024 x 8 = 8,192
1024 x 16 = 16,384
26 at side 0 or 1
26 at side 1
15 at side 0 or 1
15 at side 1
8 at side 0 or 1
16 at side 1
Table 20 – Skip Bit vs Read Data Command
RESULTS
SK BIT
VALUE
DATA ADDRESS
MARK TYPE
ENCOUNTERED
SECTOR
READ?
CM BIT OF
ST2 SET?
DESCRIPTION
OF RESULTS
0
0
1
1
Normal Data
Deleted Data
Normal Data
Deleted Data
Yes
Yes
Yes
No
No
Yes
No
Yes
Normal
termination.
Address not
incremented. Next
sector not
searched for.
Normal
termination.
Normal
termination.
Sector not read
(“skipped”).
Read Deleted Data
This command is the same as the Read Data command, only it operates on sectors that contain a Deleted Data
Address Mark at the beginning of a Data Field.
Table 21 describes the effect of the SK bit on the Read Deleted Data command execution and results. Except where
noted in Table 21, the C or R value of the sector address is automatically incremented (see Table 22).
Table 21 – Skip Bit vs. Read Deleted Data Command
RESULTS
SK BIT
VALUE
DATA ADDRESS
MARK TYPE
ENCOUNTERED
SECTOR
READ?
CM BIT OF
ST2 SET?
DESCRIPTION
OF RESULTS
0
0
1
1
Normal Data
Deleted Data
Normal Data
Deleted Data
Yes
Yes
No
Yes
Yes
No
Yes
No
Address not
incremented. Next
sector not
searched for.
Normal
termination.
Normal
termination.
Sector not read
(“skipped”).
Normal
termination.
Read A Track
This command is similar to the Read Data command except that the entire data field is read continuously from each
of the sectors of a track. Immediately after encountering a pulse on the nINDEX pin, the FDC starts to read all data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com