Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 18 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 14Page - SMSC Corporation LPC47M192 Datasheet HTML 15Page - SMSC Corporation LPC47M192 Datasheet HTML 16Page - SMSC Corporation LPC47M192 Datasheet HTML 17Page - SMSC Corporation LPC47M192 Datasheet HTML 18Page - SMSC Corporation LPC47M192 Datasheet HTML 19Page - SMSC Corporation LPC47M192 Datasheet HTML 20Page - SMSC Corporation LPC47M192 Datasheet HTML 21Page - SMSC Corporation LPC47M192 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 228 page
background image
SMSC DS – LPC47M192
Page 18
Rev. 03/30/05
DATASHEET
QFP PIN#
NAME
DESCRIPTION
BUFFER
NAME
PWR
WELL
NOTES
39
GP17/
J2Y
General Purpose I/O.
GPIO can be
configured as an Open-Drain Output
Joystick 2 Y-Axis I/O
IO12
VCC
5
GENERAL PURPOSE I/O (11)
17
GP42/
nIO_PME
General Purpose I/O.
Power Management Event Output.
This
active low Power Management Event signal
allows the LPC47M192 to request wakeup.
Both functions can be configured as an
Open-Drain Output.
IO12
VTR
9
28
GP43/
DDRC
General Purpose I/O.
GPIO can be
configured as an Open-Drain Output.
Device Disable Reg. Control Input
IO8
VCC
5
41
GP20/
P17
General Purpose I/O
8042 P17 I/O
Both functions can be configured as Open-
Drain Output
IO8
VCC
5
42
GP21/
P16/
nDS1
General Purpose I/O
8042 P16 I/O
Drive Select 1 Output
All three functions can be configured as
Open-Drain Output.
IO12
VCC
5
43
GP22/
P12/
nMTR1
General Purpose I/O
8042 P12 I/O
Motor on 1 Output
All three functions can be configured as
Open-Drain Output.
IO12
VCC
5
45
GP24
(SYSOPT)
General Purpose I/O.
GPIO can be
configured as an Open-Drain Output.
System Option. At the trailing edge of PCI
reset or VCC POR this pin is latched to
determine the configuration base address: 0
= Index Base I/O Address 02E Hex; 1 =
Index Base I/O Address 04E Hex.
IO8
VCC
5, 11
46
GP25/
MIDI_IN
General Purpose I/O.
GPIO can be
configured as an Open-Drain Output.
MPU-401 MIDI Input
IO8
VCC
5
47
GP26/
MIDI_OUT
General Purpose I/O.
GPIO can be
configured as an Open-Drain Output.
MPU-401 MIDI Output
IO12
VCC
5
48
GP60/
LED1
General Purpose I/O.
GPIO can be
configured as an Open-Drain Output.
LED 1 Output
IO12
VTR
5, 12,
49
GP61
LED2
General Purpose I/O.
GPIO can be
configured as an Open-Drain Output.
LED 2 Output
IO12
VTR
5, 12,
50
GP27/
nIO_SMI
General Purpose I/O
Active low System Management Interrupt
Output
Both functions can be configured as an
Open-Drain Output.
IO12
VCC
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com