Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 102 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 102 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 98Page - SMSC Corporation LPC47M192 Datasheet HTML 99Page - SMSC Corporation LPC47M192 Datasheet HTML 100Page - SMSC Corporation LPC47M192 Datasheet HTML 101Page - SMSC Corporation LPC47M192 Datasheet HTML 102Page - SMSC Corporation LPC47M192 Datasheet HTML 103Page - SMSC Corporation LPC47M192 Datasheet HTML 104Page - SMSC Corporation LPC47M192 Datasheet HTML 105Page - SMSC Corporation LPC47M192 Datasheet HTML 106Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 228 page
background image
SMSC DS – LPC47M192
Page 102
Rev. 03/30/05
DATASHEET
7.10 SERIAL IRQ
The LPC47M192 supports the serial interrupt to transmit interrupt information to the host system. The serial interrupt
scheme adheres to the Serial IRQ Specification for PCI Systems, Version 6.0.
Timing Diagrams For SER_IRQ Cycle
A) Start Frame timing with source sampled a low pulse on IRQ1
RT
S
RT
S
SER_IRQ
PCI_CLK
Host Controller
IRQ1
IRQ1
Drive Source
RT
None
IRQ0 FRAME IRQ1 FRAME
S
RT
IRQ2 FRAME
None
START
START FRAME
H
SL
or
H
1
Note:
H=Host Control; R=Recovery; T=Turn-Around; SL=Slave Control; S=Sample
Note 1: Start Frame pulse can be 4-8 clocks wide depending on the location of the device in the PCI bridge
hierarchy in a synchronous bridge design.
B) Stop Frame Timing with Host using 17 SER_IRQ sampling period
S
RT
S
SER_IRQ
PCI_CLK
Host Controller
IRQ15
Driver
RT
None
IRQ14
IRQ15
S
RT
IOCHCK#
None
STOP
RT
STOP FRAME
H
I
START
NEXT CYCLE
1
2
3
FRAME
FRAME
FRAME
Note:
H=Host Control; R=Recovery; T=Turn-Around; S=Sample; I=Idle
Note 1: The next SER_IRQ cycle’s Start Frame pulse may or may not start immediately after the turn-around clock
of the Stop Frame.
Note 2: There may be none, one or more Idle states during the Stop Frame.
Note 3: Stop pulse is 2 clocks wide for Quiet mode, 3 clocks wide for Continuous mode.
SER_IRQ Cycle Control
There are two modes of operation for the SER_IRQ Start Frame
1) Quiet (Active) Mode: Any device may initiate a Start Frame by driving the SER_IRQ low for one clock, while the
SER_IRQ is Idle. After driving low for one clock the SER_IRQ must immediately be tri-stated without at any time
driving high. A Start Frame may not be initiated while the SER_IRQ is Active. The SER_IRQ is Idle between Stop
and Start Frames. The SER_IRQ is Active between Start and Stop Frames. This mode of operation allows the
SER_IRQ to be Idle when there are no IRQ/Data transitions which should be most of the time.
Once a Start Frame has been initiated the Host Controller will take over driving the SER_IRQ low in the next clock
and will continue driving the SER_IRQ low for a programmable period of three to seven clocks. This makes a total
low pulse width of four to eight clocks. Finally, the Host Controller will drive the SER_IRQ back high for one clock,
then tri-state.
Any SER_IRQ Device (i.e., The LPC47M192) which detects any transition on an IRQ/Data line for which it is
responsible must initiate a Start Frame in order to update the Host Controller unless the SER_IRQ is already in an
SER_IRQ Cycle and the IRQ/Data transition can be delivered in that SER_IRQ Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com