Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 105 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 105 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 101Page - SMSC Corporation LPC47M192 Datasheet HTML 102Page - SMSC Corporation LPC47M192 Datasheet HTML 103Page - SMSC Corporation LPC47M192 Datasheet HTML 104Page - SMSC Corporation LPC47M192 Datasheet HTML 105Page - SMSC Corporation LPC47M192 Datasheet HTML 106Page - SMSC Corporation LPC47M192 Datasheet HTML 107Page - SMSC Corporation LPC47M192 Datasheet HTML 108Page - SMSC Corporation LPC47M192 Datasheet HTML 109Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 228 page
background image
SMSC DS – LPC47M192
Page 105
Rev. 03/30/05
DATASHEET
7.11 8042 Keyboard Controller Description
The LPC47M192 is a Super I/O and Universal Keyboard Controller that is designed for intelligent keyboard manage-
ment in desktop computer applications. The Universal Keyboard Controller uses an 8042 microcontroller CPU core.
This section concentrates on the LPC47M192 enhancements to the 8042. For general information about the 8042,
refer to the “Hardware Description of the 8042” in the 8-Bit Embedded Controller Handbook.
8042A
P27
P10
P26
TST0
P23
TST1
P22
P11
KDAT
KCLK
MCLK
MDAT
Keyboard and Mouse Interface
LS05
KIRQ is the Keyboard IRQ
MIRQ is the Mouse IRQ
Port 21 is used to create a GATEA20 signal from the LPC47M192.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com