Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 107 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 107 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 103Page - SMSC Corporation LPC47M192 Datasheet HTML 104Page - SMSC Corporation LPC47M192 Datasheet HTML 105Page - SMSC Corporation LPC47M192 Datasheet HTML 106Page - SMSC Corporation LPC47M192 Datasheet HTML 107Page - SMSC Corporation LPC47M192 Datasheet HTML 108Page - SMSC Corporation LPC47M192 Datasheet HTML 109Page - SMSC Corporation LPC47M192 Datasheet HTML 110Page - SMSC Corporation LPC47M192 Datasheet HTML 111Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 228 page
background image
SMSC DS – LPC47M192
Page 107
Rev. 03/30/05
DATASHEET
KIRQ
If “EN FLAGS” has been executed and P24 is set to a one: the OBF flag is gated onto KIRQ. The KIRQ signal can be
connected to system interrupt to signify that the LPC47M192 CPU has written to the output data register via “OUT
DBB,A”. If P24 is set to a zero, KIRQ is forced low. On power-up, after a valid RST pulse has been delivered to the
device, KIRQ is reset to 0. KIRQ will normally reflects the status of writes “DBB”. (KIRQ is normally selected as IRQ1
for keyboard support.)
If “EN FLAGS” has not been executed: KIRQ can be controlled by writing to P24. Writing a zero to P24 forces KIRQ
low; a high forces KIRQ high.
MIRQ
If “EN FLAGS” has been executed and P25 is set to a one:; IBF is inverted and gated onto MIRQ. The MIRQ signal
can be connected to system interrupt to signify that the LPC47M192 CPU has read the DBB register. If “EN FLAGS”
has not been executed, MIRQ is controlled by P25, Writing a zero to P25 forces MIRQ low, a high forces MIRQ high.
(MIRQ is normally selected as IRQ12 for mouse support).
Gate A20
A general purpose P21 is used as a software controlled Gate A20 or user defined output.
8042 PINS
The 8042 functions P17, P16 and P12 are implemented as in a true 8042 part. Reference the 8042 spec for all
timing. A port signal of 0 drives the output to 0. A port signal of 1 causes the port enable signal to drive the output to
1 within 20-30nsec. After 500nsec (six 8042 clocks) the port enable goes away and the external pull-up maintains
the output signal as 1.
In 8042 mode, the pins can be programmed as open drain. When programmed in open drain mode, the port enables
do not come into play. If the port signal is 0 the output will be 0. If the port signal is 1, the output tristates: an external
pull-up can pull the pin high, and the pin can be shared. In 8042 mode, the pins cannot be programmed as input nor
inverted through the GP configuration registers.
7.11.2 EXTERNAL KEYBOARD AND MOUSE INTERFACE
Industry-standard PC-AT-compatible keyboards employ a two-wire, bidirectional TTL interface for data transmission.
Several sources also supply PS/2 mouse products that employ the same type of interface. To facilitate system
expansion, the LPC47M192 provides four signal pins that may be used to implement this interface directly for an
external keyboard and mouse.
The LPC47M192 has four high-drive, open-drain output, bidirectional port pins that can be used for external serial
interfaces, such as external keyboard and PS/2-type mouse interfaces. They are KCLK, KDAT, MCLK, and MDAT.
P26 is inverted and output as KCLK. The KCLK pin is connected to TEST0. P27 is inverted and output as KDAT.
The KDAT pin is connected to P10. P23 is inverted and output as MCLK. The MCLK pin is connected to TEST1.
P22 is inverted and output as MDAT. The MDAT pin is connected to P11.
Note: External pull-ups may be required.
7.11.3 KEYBOARD POWER MANAGEMENT
The keyboard provides support for two power-saving modes: soft powerdown mode and hard powerdown mode. In
soft powerdown mode, the clock to the ALU is stopped but the timer/counter and interrupts are still active. In hard
power down mode the clock to the 8042 is stopped.
Soft Power Down Mode
This mode is entered by executing a HALT instruction. The execution of program code is halted until either RESET is
driven active or a data byte is written to the DBBIN register by a master CPU. If this mode is exited using the
interrupt, and the IBF interrupt is enabled, then program execution resumes with a CALL to the interrupt routine,
otherwise the next instruction is executed. If it is exited using RESET then a normal reset sequence is initiated and
program execution starts from program memory location 0.
Hard Power Down Mode
This mode is entered by executing a STOP instruction. The oscillator is stopped by disabling the oscillator driver
cell. When either RESET is driven active or a data byte is written to the DBBIN register by a master CPU, this mode
will be exited (as above). However, as the oscillator cell will require an initialization time, either RESET must be held
active for sufficient time to allow the oscillator to stabilize. Program execution will resume as above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com