Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 110 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 110 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 106Page - SMSC Corporation LPC47M192 Datasheet HTML 107Page - SMSC Corporation LPC47M192 Datasheet HTML 108Page - SMSC Corporation LPC47M192 Datasheet HTML 109Page - SMSC Corporation LPC47M192 Datasheet HTML 110Page - SMSC Corporation LPC47M192 Datasheet HTML 111Page - SMSC Corporation LPC47M192 Datasheet HTML 112Page - SMSC Corporation LPC47M192 Datasheet HTML 113Page - SMSC Corporation LPC47M192 Datasheet HTML 114Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 228 page
background image
SMSC DS – LPC47M192
Page 110
Rev. 03/30/05
DATASHEET
nGATEA20
8042
P21
ALT_A20
System
nA20M
0
0
0
0
1
1
1
0
1
1
1
1
Bit 0 of Port 92, which generates the nALT_RST signal, is used to reset the CPU under program control. This signal
is AND’ed together externally with the reset signal (nKBDRST) from the keyboard controller to provide a software
means of resetting the CPU. This provides a faster means of reset than is provided by the keyboard controller.
Writing a 1 to bit 0 in the Port 92 Register causes this signal to pulse low for a minimum of 6µs, after a delay of a
minimum of 14µs. Before another nALT_RST pulse can be generated, bit 0 must be set to 0 either by a system reset
of a write to Port 92. Upon reset, this signal is driven inactive high (bit 0 in the Port 92 Register is set to 0).
If Port 92 is enabled, i.e., bit 2 of KRST_GA20 is set to 1, then a pulse is generated by writing a 1 to bit 0 of the Port
92 Register and this pulse is AND’ed with the pulse generated from the 8042. This pulse is output on pin KRESET
and its polarity is controlled by the GPI/O polarity configuration.
8042
P92
Pulse
Gen
KBDRS
KRST_GA2
Bit 2
Bit 0
P20
KRST
nALT RST
6us
14us
~~
6us
14us
~~
Note: When Port 92 is
writes are ignored and
return undefined
Bit 1 of Port 92, the ALT_A20 signal, is used to force nA20M to the CPU low for support of real mode compatible
software. This signal is externally OR’ed with the A20GATE signal from the keyboard controller and CPURST to
control the nA20M input of the CPU. Writing a 0 to bit 1 of the Port 92 Register forces ALT_A20 low. ALT_A20 low
drives nA20M to the CPU low, if A20GATE from the keyboard controller is also low. Writing a 1 to bit 1 of the Port 92
Register forces ALT_A20 high. ALT_A20 high drives nA20M to the CPU high, regardless of the state of A20GATE
from the keyboard controller. Upon reset, this signal is driven low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com