Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 114 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 114 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 110Page - SMSC Corporation LPC47M192 Datasheet HTML 111Page - SMSC Corporation LPC47M192 Datasheet HTML 112Page - SMSC Corporation LPC47M192 Datasheet HTML 113Page - SMSC Corporation LPC47M192 Datasheet HTML 114Page - SMSC Corporation LPC47M192 Datasheet HTML 115Page - SMSC Corporation LPC47M192 Datasheet HTML 116Page - SMSC Corporation LPC47M192 Datasheet HTML 117Page - SMSC Corporation LPC47M192 Datasheet HTML 118Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 228 page
background image
SMSC DS – LPC47M192
Page 114
Rev. 03/30/05
DATASHEET
GPIO PIN
GPIO REGISTER
PIN#
PIN NAME
(Default Func/
Alternate Funcs)
PWR
WELL
PCI
RESET
VCC
POR
VTR
POR
REG
OFFS
ET
(hex)
REG
PCI
RESET
VCC
POR
VTR
POR
SOFT
RESET
SMI/PME
NOTES
28
GP43/DDRC
VCC
In
In
In
3E
GP43
Note 5
Note
5
0x01
-
SMI/PME
1, 5
92
GP50/nRI2
VCC
-
-
In
3F
GP50
-
-
0x01
-
PME
1
94
GP51/nDCD2
VCC
-
-
In
40
GP51
-
-
0x01
-
PME
1
95
GP52/RXD2(IRRX)
VCC
-
-
In
41
GP52
-
-
0x01
-
PME
1
96
GP53/TXD2 (IRTX)
VTR
Out – low
Out–
low
Out–
low
42
GP53
0x00
0x00
0x00
-
PME
1, 3
97
GP54/nDSR2
VCC
-
-
In
43
GP54
-
-
0x01
-
SMI/PME
1
98
GP55/nRTS2
VCC
-
-
In
44
GP55
-
-
0x01
-
SMI/PME
1
99
GP56/nCTS2
VCC
-
-
In
45
GP56
-
-
0x01
-
SMI/PME
1
100
GP57/nDTR2
VCC
-
-
In
46
GP57
-
-
0x01
-
SMI/PME
1
48
GP60/LED1
VTR
-
-
In
47
GP60
-
-
0x01
-
SMI/PME
1
49
GP61/LED2
VTR
-
-
In
48
GP61
-
-
0x01
-
SMI/PME
1
Note 1:
These pins are inputs to VCC and VTR powered logic.
Note 2:
The fan control pins (FAN1 and FAN2) come up as outputs and low following a VCC POR and PCI Reset.
Note 3:
The IRTX pins (IRTX2/GP35 and GP53/TXD2(IRTX)) are driven low when the part is powered by VTR
(VCC=0V with VTR=3.3V). These pins will remain low following a VCC POR until IRTX function is selected
by setting the activate bit, at which time the pin will reflect the state of the transmit output of the IR block. It
will remain low following a VCC POR until GPIO input function is selected, at which time the pin will reflect
the state of the GPIO data bit. The GP53/TXD2 (IRTX) pin will remain low following a VCC POR (in
addition to conditions stated above) until serial port 2 is enabled by setting the activate bit, at which time
the pin will reflect the state of the transmit output of the Serial Port 2 block.
Note 4:
These pins are inputs to VCC powered logic.
Note 5:
Bits [3:2] (Alternate Function Select bits) of this register are reset (cleared) on VCC POR and PCI Reset
(and VTR POR).
7.12.2 DESCRIPTION
Each GPIO port has a 1-bit data register and an 8-bit configuration control register. The data register for each GPIO
port is represented as a bit in one of the 8-bit GPIO DATA Registers, GP1 to GP6. The bits in these registers reflect
the value of the associated GPIO pin as follows. Pin is an input: The bit is the value of the GPIO pin. Pin is an
output: The value written to the bit goes to the GPIO pin. Latched on read and write. All of the GPIO registers are
located in the PME block see “Run Time Register” section. The GPIO ports with their alternate functions and
configuration state register addresses are listed in Table 53.
Table 53 - General Purpose I/O Port Assignments
QFP
PIN#
DEFAULT
FUNCTION
ALT. FUNC. 1
ALT.
FUNC. 2
ALT.
FUNC. 3
DATA
REGISTER
1
DATA
REGISTER
BIT NO.
REGISTER
OFFSET
(HEX)
32
GPIO
Joystick 1 Button 1
0
33
GPIO
Joystick 1 Button 2
1
34
GPIO
Joystick 2 Button 1
2
35
GPIO
Joystick 2 Button 2
3
36
GPIO
Joystick 1 X-Axis
4
37
GPIO
Joystick 1 Y-Axis
5
38
GPIO
Joystick 2 X-Axis
6
39
GPIO
Joystick 2 Y-Axis
GP1
7
4B
41
GPIO
P17
0
42
GPIO
P16
EETI
1
43
GPIO
P12
EETI
2
N/A
Reserved
3
45
GPIO
(System
Option)
4
46
GPIO
MIDI_IN
5
47
GPIO
MIDI_OUT
GP2
6
4C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com