Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 116 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 116 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 112Page - SMSC Corporation LPC47M192 Datasheet HTML 113Page - SMSC Corporation LPC47M192 Datasheet HTML 114Page - SMSC Corporation LPC47M192 Datasheet HTML 115Page - SMSC Corporation LPC47M192 Datasheet HTML 116Page - SMSC Corporation LPC47M192 Datasheet HTML 117Page - SMSC Corporation LPC47M192 Datasheet HTML 118Page - SMSC Corporation LPC47M192 Datasheet HTML 119Page - SMSC Corporation LPC47M192 Datasheet HTML 120Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 228 page
background image
SMSC DS – LPC47M192
Page 116
Rev. 03/30/05
DATASHEET
7.12.4 GPIO OPERATION
GPIO
PIN
GPIO
Data Register
Bit-n
SD-bit
GPx_nIOR
GPIO
Configuration
Register bit-1
(Polarity)
GPIO
Configuration
Register bit-0
(Input/Output)
1
0
D-TYPE
Transparent
GPx_nIOW
DQ
QD
FIGURE 7 - GPIO FUNCTION ILLUSTRATION
The operation of the GPIO ports is illustrated in FIGURE 7.
Note:
FIGURE 7 is for illustration purposes only and is not intended to suggest specific implementation details.
When the following functions are selected, the associated GPIO pins have bi-directional functionality:
P12, P16, P17 and game port x-axis and y-axis inputs (J1X, J1Y, J2X, J2Y).
When a GPIO port is programmed as an input, reading it through the GPIO data register latches either the inverted or
non-inverted logic value present at the GPIO pin. Writing to a GPIO port that is programmed as an input has no
effect (Table 55)
When a GPIO port is programmed as an output, the logic value or the inverted logic value that has been written into
the GPIO data register is output to the GPIO pin. Reading from a GPIO port that is programmed as an output returns
the last value written to the data register (Table 55). When the GPIO is programmed as an output, the pin is
excluded from the PME and SMI logic.
Table 55 – GPIO Read/Write Behavior
HOST OPERATION
GPIO INPUT PORT
GPIO OUTPUT PORT
READ
LATCHED VALUE OF GPIO PIN
LAST WRITE TO GPIO DATA REGISTER
WRITE
NO EFFECT
BIT PLACED IN GPIO DATA REGISTER
The LPC47M192 provides 31 GPIOs that can directly generate a PME. See the table in the next section. The
polarity bit in the GPIO control registers select the edge on these GPIO pins that will set the associated status bit in
the PME_STS 2 register. The default is the low-to-high edge. If the corresponding enable bit in the PME_EN 2
register and the PME_EN bit in the PME_EN register is set, a PME will be generated. These registers are located in
the PME_BLK of runtime registers which are located at the address contained in the configuration registers 0x60 and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com