Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 120 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 120 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 116Page - SMSC Corporation LPC47M192 Datasheet HTML 117Page - SMSC Corporation LPC47M192 Datasheet HTML 118Page - SMSC Corporation LPC47M192 Datasheet HTML 119Page - SMSC Corporation LPC47M192 Datasheet HTML 120Page - SMSC Corporation LPC47M192 Datasheet HTML 121Page - SMSC Corporation LPC47M192 Datasheet HTML 122Page - SMSC Corporation LPC47M192 Datasheet HTML 123Page - SMSC Corporation LPC47M192 Datasheet HTML 124Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 228 page
background image
SMSC DS – LPC47M192
Page 120
Rev. 03/30/05
DATASHEET
For the GPIO events, the polarity of the edge used to set the status bit and generate a PME is controlled by the
polairty bit of the GPIO control register. For non-inverted polarity (default) the status bit is set on the low-to-high
edge. If the EETI function is selected for a GPIO then both a high-to-low and a low-to-high edge will set the
corresponding PME status bits. Status bits are cleared on a write of ‘1’.
The PME Wake registers also include status and enable bits for the fan tachometer input.
See the “Keyboard and Mouse PME Generation” section for information about using the keyboard and mouse signals
to generate a PME.
In the LPC47M192 the nIO_PME pin can be programmed to be an open drain, active low, driver. The LPC47M192
nIO_PME pin is fully isolated from other external devices that might pull the nIO_PME signal low; i.e., the nIO_PME
signal is capable of being driven high externally by another active device or pullup even when the LPC47M192 VCC
is grounded, providing VTR power is active. The LPC47M192 nIO_PME driver sinks 6mA at .55V max (see section
4.2.1.1 DC Specifications, page 122, in the “PCI Local Bus Specification,” revision 2.1).
The PME registers are run-time registers as follows. These registers are located in system I/O space at an offset
from PME_BLK, the address programmed in Logical Device A at registers 0x60 and 0x61.
The following registers are for GPIO wakeup events:
PME Wake Status 2 (PME_STS2), PME Wake Enable 2 (PME_EN2)
PME Wake Status 3 (PME_STS3), PME Wake Enable 3 (PME_EN3)
PME Wake Status 4 (PME_STS4), PME Wake Enable 4 (PME_EN4)
PME Wake Status 5 (PME_STS5), PME Wake Enable 5 (PME_EN5)
See PME register description in the “Runtime Registers” Section.
Enabling SMI Events onto the PME Pin
There is a bit in the PME Status Register 3 to show the status of the internal “group” SMI signal in the PME logic (if bit
5 of the SMI_EN2 register is set). This bit, DEVINT_STS, is at bit 3 of the PME_STS3 register. This bit is defined as
follows:
0=The group SMI output is inactive.
1 = The group SMI output is active.
Note:
Bit 5 of the SMI_EN2 register must also be set. This bit is cleared on a write of ‘1’.
There is a bit in the PME Enable Register 3 to enable the SMI onto the nIO_PME pin (if the nIO_PME function is
selected for GP42). This bit, DEVINT_EN, is at bit 3 of the PME_EN3 register. This bit will enable the internal “group”
SMI signal (if bit 5 of the SMI_EN2 register is set) into the PME logic through the DEVINT_STS bit as follows: If the
DEVINT_EN bit is ‘1’ and the DEVINT_STS bit is ‘1’ then the nIO_PME pin will be active. This pin has its polarity
controlled by the polarity bit in the GP42 register.
This bit is defined as follows:
0 = Disable group SMI output from the nIO_PME pin.
1 = Enable group SMI output onto the nIO_PME pin. That is, if this bit is set and the DEVINT_STS bit is set
then a nPME is generated.
Note:
Bit 5 of the SMI_EN2 register must also be set.
7.14.1 ‘WAKE ON SPECIFIC KEY’ OPTION
The LPC47M192 has logic to detect a single keyboard scan code for wakeup (PME generation). The scan code is
programmed onto the Keyboard Scan Code Register, a runtime register at offset 0x5F from the base address located
in the primary base I/O address in Logical Device A. This register is powered by VTR and reset on VTR POR.
The PME status bit for this event is located in the PME_STS1 register at bit 5 and the PME enable bit for this event is
located in the PME_EN1 register at bit 5. See the “Runtime Registers” section for a definition of these registers.
Data transmissions from the keyboard consist of an 11-bit serial data stream. A logic 1 is sent at an active high level.
The following table shows the functions of the bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com