Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 106 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 106 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 102Page - SMSC Corporation LPC47M192 Datasheet HTML 103Page - SMSC Corporation LPC47M192 Datasheet HTML 104Page - SMSC Corporation LPC47M192 Datasheet HTML 105Page - SMSC Corporation LPC47M192 Datasheet HTML 106Page - SMSC Corporation LPC47M192 Datasheet HTML 107Page - SMSC Corporation LPC47M192 Datasheet HTML 108Page - SMSC Corporation LPC47M192 Datasheet HTML 109Page - SMSC Corporation LPC47M192 Datasheet HTML 110Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 228 page
background image
SMSC DS – LPC47M192
Page 106
Rev. 03/30/05
DATASHEET
7.11.1 KEYBOARD INTERFACE
The LPC47M192 LPC interface is functionally compatible with the 8042 style host interface. It consists of the D0-7
data signals; the read and write signals and the Status register, Input Data register, and Output Data register. Table
49 shows how the interface decodes the control signals. In addition to the above signals, the host interface includes
keyboard and mouse IRQs.
Table 49 - I/O Address Map
ADDRESS
Command
BLOCK
FUNCTION (NOTE 1)
0x60
Write
KDATA
Keyboard Data Write (C/D=0)
Read
KDATA
Keyboard Data Read
0x64
Write
KDCTL
Keyboard Command Write (C/D=1)
Read
KDCTL
Keyboard Status Read
Note 1: These registers consist of three separate 8 bit registers. Status, Data/Command Write and Data Read.
Keyboard Data Write
This is an 8 bit write only register. When written, the C/D status bit of the status register is cleared to zero and the
IBF bit is set.
Keyboard Data Read
This is an 8 bit read only register. If enabled by “ENABLE FLAGS”, when read, the KIRQ output is cleared and the
OBF flag in the status register is cleared. If not enabled, the KIRQ and/or AUXOBF1 must be cleared in software.
Keyboard Command Write
This is an 8 bit write only register. When written, the C/D status bit of the status register is set to one and the IBF bit
is set.
Keyboard Status Read
This is an 8 bit read only register. Refer to the description of the Status Register for more information.
CPU-to-Host Communication
The LPC47M192 CPU can write to the Output Data register via register DBB. A write to this register automatically
sets Bit 0 (OBF) in the Status register. See Table 50.
Table 50 – Host Interface Flags
8042 INSTRUCTION
FLAG
OUT DBB
Set OBF, and, if enabled, the KIRQ output signal goes high
Host-to-CPU Communication
The host system can send both commands and data to the Input Data register. The CPU differentiates between
commands and data by reading the value of Bit 3 of the Status register. When bit 3 is “1”, the CPU interprets the
register contents as a command. When bit 3 is “0”, the CPU interprets the register contents as data. During a host
write operation, bit 3 is set to “1” if SA2 = 1 or reset to “0” if SA2 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com