Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 108 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 108 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 104Page - SMSC Corporation LPC47M192 Datasheet HTML 105Page - SMSC Corporation LPC47M192 Datasheet HTML 106Page - SMSC Corporation LPC47M192 Datasheet HTML 107Page - SMSC Corporation LPC47M192 Datasheet HTML 108Page - SMSC Corporation LPC47M192 Datasheet HTML 109Page - SMSC Corporation LPC47M192 Datasheet HTML 110Page - SMSC Corporation LPC47M192 Datasheet HTML 111Page - SMSC Corporation LPC47M192 Datasheet HTML 112Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 228 page
background image
SMSC DS – LPC47M192
Page 108
Rev. 03/30/05
DATASHEET
7.11.4 INTERRUPTS
The LPC47M192 provides the two 8042 interrupts: IBF and the Timer/Counter Overflow.
7.11.5 MEMORY CONFIGURATIONS
The LPC47M192 provides 2K of on-chip ROM and 256 bytes of on-chip RAM.
7.11.6 REGISTER DEFINITIONS
7.11.6.1
Host I/F Data Register
The Input Data register and Output Data register are each 8 bits wide. A write to this 8 bit register will load the
Keyboard Data Read Buffer, set the OBF flag and set the KIRQ output if enabled. A read of this register will read the
data from the Keyboard Data or Command Write Buffer and clear the IBF flag. Refer to the KIRQ and Status register
descriptions for more information.
7.11.6.2
Host I/F Status Register
The Status register is 8 bits wide.
Table 51 shows the contents of the Status register.
Table 51 - Status Register
D7
D6
D5
D4
D3
D2
D1
D0
UD
UD
UD
UD
C/D
UD
IBF
OBF
Status Register
This register is cleared on a reset. This register is read-only for the Host and read/write by the LPC47M192 CPU.
UD
Writable by LPC47M192 CPU. These bits are user-definable.
C/D
(Command Data)-This bit specifies whether the input data register contains data or a command (0 = data, 1
= command). During a host data/command write operation, this bit is set to “1” if SA2 = 1 or reset to “0” if
SA2 = 0.
IBF
(Input Buffer Full)- This flag is set to 1 whenever the host system writes data into the input data register.
Setting this flag activates the LPC47M192 CPU’s nIBF (MIRQ) interrupt if enabled. When the LPC47M192
CPU reads the input data register (DBB), this bit is automatically reset and the interrupt is cleared. There is
no output pin associated with this internal signal.
OBF
(Output Buffer Full) - This flag is set to whenever the LPC47M192 CPU write to the output data register
(DBB). When the host system reads the output data register, this bit is automatically reset.
7.11.7 EXTERNAL CLOCK SIGNAL
The LPC47M192 Keyboard Controller clock source is a 12 MHz clock generated from a 14.318 MHz clock. The reset
pulse must last for at least 24 16 MHz clock periods. The pulse-width requirement applies to both internally (Vcc
POR) and externally generated reset signals. In powerdown mode, the external clock signal is not loaded by the
chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com