Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 101 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 101 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 97Page - SMSC Corporation LPC47M192 Datasheet HTML 98Page - SMSC Corporation LPC47M192 Datasheet HTML 99Page - SMSC Corporation LPC47M192 Datasheet HTML 100Page - SMSC Corporation LPC47M192 Datasheet HTML 101Page - SMSC Corporation LPC47M192 Datasheet HTML 102Page - SMSC Corporation LPC47M192 Datasheet HTML 103Page - SMSC Corporation LPC47M192 Datasheet HTML 104Page - SMSC Corporation LPC47M192 Datasheet HTML 105Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 228 page
background image
SMSC DS – LPC47M192
Page 101
Rev. 03/30/05
DATASHEET
A. Receive FIFO is empty
B. The receiver is waiting for a start bit.
Exit Auto Powerdown
The transmitter exits powerdown on a write to the XMIT buffer. The receiver exits auto powerdown when MIDI_IN
changes state.
Parallel Port
Direct power management is controlled by CR22. Refer to CR22 for more information.
Auto Power Management is enabled by CR23-B3. When set, this bit allows the ECP or EPP logical parallel port
blocks to be placed into powerdown when not being used.
The EPP logic is in powerdown under any of the following condition
1.
EPP is not enabled in the configuration register
2.
EPP is not selected through ecr while in ECP mode.
The ECP logic is in powerdown under any of the following condition
1.
ECP is not enabled in the configuration register
2
SPP, PS/2 Parallel port or EPP mode is selected through ecr while in ECP mode.
Exit Auto Powerdown
The parallel port logic can change powerdown modes when the ECP mode is changed through the ecr register or
when the parallel port mode is changed through the configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com