Electronic Components Datasheet Search
  English  ▼

X  

DAC5686 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DAC5686 Datasheet HTML 31Page - Texas Instruments DAC5686 Datasheet HTML 32Page - Texas Instruments DAC5686 Datasheet HTML 33Page - Texas Instruments DAC5686 Datasheet HTML 34Page - Texas Instruments DAC5686 Datasheet HTML 35Page - Texas Instruments DAC5686 Datasheet HTML 36Page - Texas Instruments DAC5686 Datasheet HTML 37Page - Texas Instruments DAC5686 Datasheet HTML 38Page - Texas Instruments DAC5686 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
www.ti.com
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
div[1:0]: Controls the PLL divider value; summarized in Table 6.
Table 6. PLL Divide Ratios
div[1:0]
PLL DIVIDE RATIO
00
1
× divider
01
2
× divider
10
4
× divider
11
8
× divider
sel[1:0]: Controls the selection of interpolating filters used; summarized in Table 7.
Table 7. DAC5686 Filter Configuration
sel[1:0]
INTERP. FIR SETTING
00
×2
01
× 4
10
× 8
11
× 16
counter: When asserted, the DAC5686 goes into counter mode and uses an internal counter as a ramp input to
the DAC. The count range is determined by the A-side input data DA[2:0], as summarized in Table 8.
Table 8. DAC5686 Counter Mode Count Range
DA[2:0]
COUNT RANGE
000
All bits D[15:0]
001
Lower 7 bits D[6:0]
010
Mid 4 bits D[10:7]
100
Upper 5 bits D[15:11]
Full_bypass: When asserted, the interpolation filters and mixer logic are bypassed and the data inputs DA[15:0]
and DB[15:0] go straight to the DAC inputs.
Register Name: config_msb
MSB
LSB
ssb
interl
sinc
dith
sync_phstr
nco
sif4
twos
0
0
0
0
0
0
0
0
ssb: In single-sideband mode, assertion inverts the B data; in quadrature modulation mode, assertion routes the
A data path to DACB instead of the B data path.
interl: When asserted, data input to the DAC5686 on channel DA[15:0] is interpreted as a single interleaved
stream (I/Q); channel DB[15:0] is unused.
sinc: Assertion enables the INVSINC filter.
dith: Assertion enables dithering in the PLL.
sync_phstr: Assertion enables the PHSTR input as a sync input to the clock dividers in external single-clock
mode.
nco: Assertion enables the NCO.
sif4: When asserted, the sif interface becomes a 4-pin interface instead of a 3-pin interface. The SDIO pin
becomes an input only and the SDO is the output.
twos: When asserted, the chip interprets the input data as 2s complement form instead of binary offset.
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com