Electronic Components Datasheet Search
  English  ▼

X  

DAC5686 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DAC5686 Datasheet HTML 29Page - Texas Instruments DAC5686 Datasheet HTML 30Page - Texas Instruments DAC5686 Datasheet HTML 31Page - Texas Instruments DAC5686 Datasheet HTML 32Page - Texas Instruments DAC5686 Datasheet HTML 33Page - Texas Instruments DAC5686 Datasheet HTML 34Page - Texas Instruments DAC5686 Datasheet HTML 35Page - Texas Instruments DAC5686 Datasheet HTML 36Page - Texas Instruments DAC5686 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
www.ti.com
f
NCO +
freq
F
DAC
232
Register Bit Allocation Map
REGISTER DESCRIPTIONS
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
The NCO accumulator is reset to zero when the PHSTR pin is high and remains at zero until PHSTR is set low.
Frequency word freq in the frequency register is added to the accumulator every clock cycle. The output
frequency of the NCO is:
While the maximum clock frequency of the DACs is 500 MSPS, the maximum clock frequency the NCO can
operate at is 320 MHz; mixing at DAC rates higher than 320 MSPS requires using the fs/4 mixing option.
NAME
R/W
AD-
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DRESS
chip_ver
R/W
0x00
atest[4:0]
version[2:0] read only
freq_lsb
R/W
0x01
freq_int[7:0]
freq_lmidsb
R/W
0x02
freq_int[15:8]
freq_umidsb
R/W
0x03
freq_int[23:16]
freq_msb
R/W
0x04
freq_int[31:24]
phase_lsb
R/W
0x05
phase_int[7:0]
phase_msb
R/W
0x06
phase_int[15:8]
config_lsb
R/W
0x07
mode[1:0]
div[1:0]
sel[1:0]
counter
fbypass
config_msb
R/W
0x08
ssb
interl
sinc
dith
sync_phstr
nco
sif4
twos
config_usb
R/W
0x09
dual clk
dds_gain[1:0]
rspect
qflag
pll_rng[1:0]
rev_bbus
daca_offset_lsb
R/W
0x0A
daca_offset[7:0]
daca_gain_lsb
R/W
0x0B
daca_gain[7:0]
daca_offset_gain_
R/W
0x0C
daca_offset[10:8]
sleepA
daca_gain[11:8]
msb
dacb_offset_lsb
R/W
0x0D
dacb_offset[7:0]
dacb_gain_lsb
R/W
0x0E
dacb_gain[7:0]
dacb_offset_gain_
R/W
0x0F
dacb_offset[10:8]
sleepB
dacb_gain[11:8]
msb
Register Name: chip_ver
MSB
LSB
atest[4:0]
chip_ver[2:0] read only
0
0
0
0
0
1
0
1
chip_ver[3:0]: chip_ver [3:0] stores the device version, initially 0x5. The user can find out which version of the
DAC5686 is in the system by reading this byte.
a_test[4:0]: must be 0 for proper operation.
Register Name: freq_lsb
MSB
LSB
freq_int[7:0]
0
0
0
0
0
0
0
0
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com