Electronic Components Datasheet Search
  English  ▼

X  

DAC5686 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686 Datasheet(HTML) 3 Page - Texas Instruments

  DAC5686 Datasheet HTML 1Page - Texas Instruments DAC5686 Datasheet HTML 2Page - Texas Instruments DAC5686 Datasheet HTML 3Page - Texas Instruments DAC5686 Datasheet HTML 4Page - Texas Instruments DAC5686 Datasheet HTML 5Page - Texas Instruments DAC5686 Datasheet HTML 6Page - Texas Instruments DAC5686 Datasheet HTML 7Page - Texas Instruments DAC5686 Datasheet HTML 8Page - Texas Instruments DAC5686 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
y2
y2
y2
y2
y2
y2
y2
y2
CLK1
CLK1C
LPF
PLLLOCK
CLKVDD
CLKGND
DVDD
DGND
PLLVDD
PLLGND
SLEEP
FIR1
FIR2
sin
IOVDD
IOGND
AVDD
AGND
PHSTR
NCO
cos
RESETB
100-Pin HTQFP
EXTIO
EXTLO
1.2 V
Reference
BIASJ
IOUTA1
IOUTA2
16-Bit
FIR5
IOUTB1
IOUTB2
FIR3
x
sin(x)
TxENABLE
DA[15:0]
DB[15:0]
DEMUX
FIR4
CLK2
CLK2C
SIF
SCLK
SDENB
SDO
SDIO
DAC
16-Bit
DAC
2 – 16y Fdata
Internal Clock Generation
2y – 16y PLL Clock Multiplier
x
sin(x)
Fdata
A Gain
B Gain
A
Offset
B
Offset
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
Block Diagram of the DAC5686
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com