Electronic Components Datasheet Search
  English  ▼

X  

DAC5686 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC5686 Datasheet HTML 3Page - Texas Instruments DAC5686 Datasheet HTML 4Page - Texas Instruments DAC5686 Datasheet HTML 5Page - Texas Instruments DAC5686 Datasheet HTML 6Page - Texas Instruments DAC5686 Datasheet HTML 7Page - Texas Instruments DAC5686 Datasheet HTML 8Page - Texas Instruments DAC5686 Datasheet HTML 9Page - Texas Instruments DAC5686 Datasheet HTML 10Page - Texas Instruments DAC5686 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
www.ti.com
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
ELECTRICAL CHARACTERISTICS (DC SPECIFICATIONS) (continued)
over operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 3.3 V,
DVDD = 1.8 V, IOUT
FS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Output
Coarse gain linearity (INL)
LSB = 1/10th of full scale
±0.016
LSB
Fine gain linearity (INL)
±3
LSB
Offset error
Mid-code offset
0.003
%FSR
Without internal reference
0.7
Gain error
%FSR
With internal reference
0.7
Gain mismatch
With internal reference, dual DAC,
–2
2
%FSR
SSB mode
Full-scale output current(3)
2
20
mA
Output compliance range(4)
IOUTFS = 20 mA
AVDD – 0.5
AVDD + 0.5
V
Output resistance
300
k
Ω
Output capacitance
5
pF
Reference Output
Reference voltage
1.14
1.2
1.26
V
Reference output current(5)
100
nA
Reference Input
VEXTIO
Input voltage range
0.1
1.25
V
Input resistance
1
M
Ω
Small-signal bandwidth
2.5
kHz
Input capacitance
100
pF
Temperature Coefficients
ppm of
Offset drift
±3
FSR/
°C
Without internal reference
±15
ppm of
Gain drift
FSR/
°C
With internal reference
±40
Reference voltage drift
±25
ppm/
°C
Power Supply
AVDD
Analog supply voltage
3
3.3
3.6
V
DVDD
Digital supply voltage
1.65
1.8
1.95
V
CLKVDD
Clock supply voltage
3
3.3
3.6
V
IOVDD
I/O supply voltage
1.65
3.6
V
PLLVDD
PLL supply voltage
3
3.3
3.6
V
Single (quad) DAC mode;
including output current through
30
load resistor, mode 7
IAVDD
Analog supply current
mA
Dual DAC mode; including output
current through load resistor,
55
mode 11
IDVDD
Digital supply current
242
mA
ICLKVDD
Clock supply current
10
mA
fDATA = 125 MSPS, SSB mode,
Fupdate = 500 MSPS, 40-MHz IF
IPLLVDD
PLL supply current
28
mA
IIOVDD
IO supply current
< 3
mA
(3)
Nominal full-scale current, IOUTFS , equals 16× the IBIAS current.
(4)
The upper limit of the output compliance is determined by the CMOS process. Exceeding this limit may result in transistor breakdown,
resulting in reduced reliability of the DAC5686 device. The lower limit of the output compliance is determined by the load resistors and
full-scale output current. Exceeding the upper limit adversely affects distortion performance and integral nonlinearity.
(5)
Use an external buffer amplifier with high-impedance input to drive any external load.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com