Electronic Components Datasheet Search
  English  ▼

X  

DAC5686 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC5686 Datasheet HTML 19Page - Texas Instruments DAC5686 Datasheet HTML 20Page - Texas Instruments DAC5686 Datasheet HTML 21Page - Texas Instruments DAC5686 Datasheet HTML 22Page - Texas Instruments DAC5686 Datasheet HTML 23Page - Texas Instruments DAC5686 Datasheet HTML 24Page - Texas Instruments DAC5686 Datasheet HTML 25Page - Texas Instruments DAC5686 Datasheet HTML 26Page - Texas Instruments DAC5686 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
www.ti.com
Clock Generation
t
_align
+
1
2F
CLK2
* 0.5 ns
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
In the DAC5686, the internal clocks (1
×, 2×, 4×, 8×, and 16×, as needed) for the logic, FIR interpolation filters,
and DAC are derived from a clock at either the input data rate using an internal PLL (PLL clock mode) or the
DAC output sample rate (external clock mode). Power for the internal PLL blocks (PLLVDD and PLLGND) is
separate from power for the other clock generation blocks (CLKVDD and CLKGND), thus minimizing phase noise
within the PLL.
The DAC5686 has three clock modes for generating the internal clocks (1
×, 2×, 4×, 8×, and 16×, as needed) for
the logic, FIR interpolation filters, and DACs. The clock mode is set using the PLLVDD pin and dual_clk in
register config_usb. A block diagram for the clock generation circuit is shown in Figure 27.
1. PLLVDD = 0V and dual_clk = 0: EXTERNAL CLOCK MODE
In EXTERNAL CLOCK MODE, the user provides a clock signal at the DAC output sample rate through
CLK2/CLK2C. CLK1/CLK1C and the internal PLL are not used, so the LPF circuit is not applicable. The input
data rate clock and interpolation rate are selected by the registers sel[1:0], and are output through the
PLLLOCK pin. It is common to use the PLLLOCK clock to drive the chip that sends the data to the DAC;
otherwise, there is phase ambiguity regarding how the DAC divides down to the input sample rate clock and
an external clock divider divides down. (For a divide by N, there are N possible phases.) The phase
ambiguity can also be solved by using PHSTR pin with a synchronization signal.
2. PLLVDD = 3.3V (dual_clk can be 0 or 1 and is ignored): PLL CLOCK MODE
Power for the internal PLL blocks (PLLVDD and PLLGND) is separate from power for the other clock
generation blocks (CLKVDD and CLKGND), thus minimizing PLL phase noise.
In PLL CLOCK MODE, the DAC is driven at the input sample rate (unless the data is multiplexed) through
CLK1/CLK1C. CLK2/CLK2C is not used. In this case, there is no phase ambiguity on the clock. The DAC
generates the higher speed DAC sample rate clock using an internal PLL/VCO. In PLL clock mode, the user
provides a differential external reference clock on CLK1/CLK1C.
A type-4 phase-frequency detector (PFD) in the internal PLL compares this reference clock to a feedback
clock and drives the PLL to maintain synchronization between the two clocks. The feedback clock is
generated by dividing the VCO output by 1
×, 2×, 4×, or 8× as selected by the prescaler (div[1:0]). The output
of the prescaler is the DAC sample rate clock and is divided down to generate clocks at
÷2, ÷4, ÷8, and ÷16.
The feedback clock is selected by the registers sel[1:0], an then is fed back to the PFD for synchronization
to the input clock. The feedback clock is also used for the data input rate, so the ratio of DAC output clock to
feedback clock sets the interpolation rate of the DAC5686. The PLLLOCK pin is an output that indicates
when the PLL has achieved lock. An external RC low-pass PLL filter is provided by the user at pin LPF. See
the low-pass filter section for filter setting calculations. This is the only mode where the LPF filter applies.
3. PLLVDD = 0V and dual_clk = 1: DUAL CLOCK MODE
In DUAL CLOCK MODE, the DAC is driven at the DAC sample rate through CLK2/CLK2C and at the input
data rate through CLK1/CLK1C. The DUAL CLOCK MODE has the advantage of a clean external clock for
the DAC sampling without the phase ambiguity. The edges of CLK1 and CLK2 must be aligned to within
±t
_align (See Figure 26), defined as
where F
CLK2 is the clock frequency of CLK2. For example, t_align = 0.5 ns at FCLK2 = 500 MHz and 1.5 ns at
F
CLK2 = 250 MHz.
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com