Electronic Components Datasheet Search
  English  ▼

X  

DAC5686 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC5686 Datasheet HTML 36Page - Texas Instruments DAC5686 Datasheet HTML 37Page - Texas Instruments DAC5686 Datasheet HTML 38Page - Texas Instruments DAC5686 Datasheet HTML 39Page - Texas Instruments DAC5686 Datasheet HTML 40Page - Texas Instruments DAC5686 Datasheet HTML 41Page - Texas Instruments DAC5686 Datasheet HTML 42Page - Texas Instruments DAC5686 Datasheet HTML 43Page - Texas Instruments DAC5686 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
www.ti.com
DAC Transfer Function
IOUT1 + IOUTFS
CODE
65536
IOUT2 + IOUTFS
(65536 * CODE)
65536
VOUT1 + IOUT1
R
L +
CODE
65536
IOUT
FS
R
L
VOUT2 + IOUT2
R
L +
(65536 * CODE)
65536
IOUT
FS
R
L
VOUT
DIFF + IOUT1 * VOUT2 +
(2CODE * 65536)
65536
IOUT
FS
R
L
Reference Operation
IOUT
FS +
16
V
EXTIO
R
BIAS
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
CLOCK INPUT AND TIMING (continued)
The CMOS DACs consist of a segmented array of NMOS current sources, capable of delivering a full-scale
output current up to 20 mA. Differential current switches direct the current of each current source to either one of
the complementary output nodes IOUT1 or IOUT2. Complementary output currents enable differential operation,
thus canceling out common-mode noise sources (digital feed-through, on-chip, and PCB noise), dc offsets,
even-order distortion components, and increasing signal output power by a factor of two.
The full-scale output current is set using external resistor RBIAS in combination with an on-chip band-gap voltage
reference source (1.2 V) and control amplifier. Current IBIAS through resistor RBIAS is mirrored internally to provide
a full-scale output current equal to 16 times IBIAS. The full-scale current can be adjusted from 20 mA down to 2
mA.
The DAC5686 delivers complementary output currents IOUT1 and IOUT2. Output current IOUT1 equals the
approximate full-scale output current when all bits (after the digital processing) are high. Full-scale output current
flows through terminal IOUT2 when all input bits are low. The relation between IOUT1 and IOUT2 can thus be
expressed as:
IOUT1 = IOUTFS – IOUT2
where IOUTFS is the full-scale output current. The output currents can be expressed as:
where CODE is the decimal representation of the DAC data input word. Output currents IOUT1 and IOUT2 drive
resistor loads RL or a transformer with equivalent input load resistance (RL). This translates into single-ended
voltages VOUT1 and VOUT2 at terminals IOUT1 and IOUT2, respectively, of:
The differential output voltage VOUTDIFF can thus be expressed as:
The latter equation shows that applying the differential output results in doubling of the signal power delivered to
the load. Because the output currents IOUT1 and IOUT2 are complementary, they become additive when
processed differentially. Note that care should be taken not to exceed the compliance voltages at nodes IOUT1
and IOUT2, which would lead to increased signal distortion.
The DAC5686 comprises a band-gap reference and control amplifier for biasing the full-scale output current. The
full-scale output current is set by applying an external resistor RBIAS. The bias current IBIAS through resistor RBIAS
is defined by the on-chip band-gap reference voltage and control amplifier. The full-scale output current equals
16 times this bias current. The full-scale output current IOUTFS can thus be expressed as (coarse gain = 15, fine
gain = 0):
,
where VEXTIO is the voltage at terminal EXTIO. The band-gap reference voltage delivers an accurate voltage of
1.2 V. This reference is active when terminal EXTLO is connected to AGND. An external decoupling capacitor
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com