Electronic Components Datasheet Search
  English  ▼

X  

DAC5686 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC5686 Datasheet HTML 18Page - Texas Instruments DAC5686 Datasheet HTML 19Page - Texas Instruments DAC5686 Datasheet HTML 20Page - Texas Instruments DAC5686 Datasheet HTML 21Page - Texas Instruments DAC5686 Datasheet HTML 22Page - Texas Instruments DAC5686 Datasheet HTML 23Page - Texas Instruments DAC5686 Datasheet HTML 24Page - Texas Instruments DAC5686 Datasheet HTML 25Page - Texas Instruments DAC5686 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
www.ti.com
R/W
tSCLKL
SDENB
SCLK
SDIO
N1 N0
−
A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
SDENB
SCLK
SDIO
Instruction Cycle
Data Transfer Cycle(s)
ts(SDENB)
tSCLK
th(SDIO)
ts(SDIO)
tSCLKH
R/W
D7
SDENB
SCLK
SDIO
N1 N0
−
A3 A2 A1 A0
D6 D5 D4 D3 D2
D0 0
Instruction Cycle
Data Transfer Cycle(s)
SDO
D7 D6 D5 D4 D3 D2 D1 D0 0
3-Pin Configuration
Output
4-Pin Configuration
Output
SDENB
SCLK
SDIO
Data n
Data n−1
SDO
td(Data)
D1
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
Figure 24. Serial-Interface Write Timing Diagram
Figure 25 shows the serial-interface timing diagram for a DAC5686 read operation. SCLK is the serial-interface
clock input to the DAC5686. Serial data enable SDENB is an active-low input to the DAC5686. SDIO is serial
data-in during the instruction cycle. In the 3-pin configuration, SDIO is data-out from the DAC5686 during the
data transfer cycle(s), while SDO is in a high-impedance state. In the 4-pin configuration, SDO is data-out from
the DAC5686 during the data transfer cycle(s). SDO is never placed in the high-impedance state in the four-pin
configuration.
Figure 25. Serial-Interface Read Timing Diagram
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com