Electronic Components Datasheet Search
  English  ▼

X  

DAC5686 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686 Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC5686 Datasheet HTML 26Page - Texas Instruments DAC5686 Datasheet HTML 27Page - Texas Instruments DAC5686 Datasheet HTML 28Page - Texas Instruments DAC5686 Datasheet HTML 29Page - Texas Instruments DAC5686 Datasheet HTML 30Page - Texas Instruments DAC5686 Datasheet HTML 31Page - Texas Instruments DAC5686 Datasheet HTML 32Page - Texas Instruments DAC5686 Datasheet HTML 33Page - Texas Instruments DAC5686 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
www.ti.com
f/FData
−160
−140
−120
−100
−80
−60
−40
−20
0
20
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
f/FData
−160
−140
−120
−100
−80
−60
−40
−20
0
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
f/FData
−160
−140
−120
−100
−80
−60
−40
−20
0
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
f/FData
−160
−140
−120
−100
−80
−60
−40
−20
0
20
0
1
2
3
4
5
6
7
8
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
MAGNITUDE
MAGNITUDE
vs
vs
FREQUENCY
FREQUENCY
Figure 36. Magnitude Spectrum for
Figure 37. Magnitude Spectrum for
2
× Interpolation (dB)
4
× Interpolation (dB)
MAGNITUDE
MAGNITUDE
vs
vs
FREQUENCY
FREQUENCY
Figure 38. Magnitude Spectrum for
Figure 39. Magnitude Spectrum for
8
× Interpolation (dB)
16
× Interpolation (dB)
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com