Electronic Components Datasheet Search
  English  ▼

X  

DAC5686 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DAC5686 Datasheet HTML 20Page - Texas Instruments DAC5686 Datasheet HTML 21Page - Texas Instruments DAC5686 Datasheet HTML 22Page - Texas Instruments DAC5686 Datasheet HTML 23Page - Texas Instruments DAC5686 Datasheet HTML 24Page - Texas Instruments DAC5686 Datasheet HTML 25Page - Texas Instruments DAC5686 Datasheet HTML 26Page - Texas Instruments DAC5686 Datasheet HTML 27Page - Texas Instruments DAC5686 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
www.ti.com
th
CLK2
CLK1
D[0:15]
∆ < talign
ts
T0002-01
PLLVDD
PLLGND
CLKGND
CLKVDD
pfd
Charge
Pump
vco
/1
/2
/4
/8
clk_16x
DAC
Sample
Clock
D[15:0]
DIV[1:0]
PLLVDD
SEL[1:0]
PLLVDD
PLLLOCK
LPF
Data
s
1
0
clk_2x
/2
/2
/2
/2
clk_1x
clk_4x
clk_8x
CLK1
CLK1C
Clk Buffer
CLK2
CLK2C
Clk Buffer
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
Figure 26. DAC and Data Clock Mode
The CDC7005 from Texas Instruments is recommended for providing phase-aligned clocks at different
frequencies for this application.
Table 3 provides a summary of the clock configurations with corresponding data rate ranges.
Figure 27. Clock-Generation Architecture
Table 3. Clock-Mode Configuration
CLOCK MODE
PLLVDD
DIV[1:0]
SEL[1:0]
DATA RATE (MSPS)
PLLLOCK PIN FUNCTION
Non-interleaved input data; internal PLL off; DA[15:0] data rate matches DB[15:0] data rate.
External 2
×
0 V
XX
00
DC to 160
External clk2/clk2c clock
÷ 2
External 4
×
0 V
XX
01
DC to 125
External clk2/clk2c clock
÷ 4
External 8
×
0 V
XX
10
DC to 62.5
External clk2/clk2c clock
÷ 8
External 16
×
0 V
XX
11
DC to 31.25
External clk2/clk2c clock
÷ 16
External dual clock 2
×
0 V
XX
00
DC to 160
None - held low
External dual clock 4
×
0 V
XX
01
DC to 125
None - held low
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com