Electronic Components Datasheet Search
  English  ▼

X  

DAC5686 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC5686 Datasheet HTML 5Page - Texas Instruments DAC5686 Datasheet HTML 6Page - Texas Instruments DAC5686 Datasheet HTML 7Page - Texas Instruments DAC5686 Datasheet HTML 8Page - Texas Instruments DAC5686 Datasheet HTML 9Page - Texas Instruments DAC5686 Datasheet HTML 10Page - Texas Instruments DAC5686 Datasheet HTML 11Page - Texas Instruments DAC5686 Datasheet HTML 12Page - Texas Instruments DAC5686 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (DIGITAL SPECIFICATIONS)
(1)
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
ELECTRICAL CHARACTERISTICS (AC SPECIFICATIONS) (continued)
over operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 0 V, IOVDD = 3.3 V, DVDD = 1.8 V,
IOUT
FS = 20 mA, external clock mode, differential transformer-coupled output, 50-Ω doubly terminated load (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
First Nyquist zone < fDATA/2, fDATA = 100 MSPS,
80
fOUT = 5 MHz, IOVDD = 1.8 V, fDAC = 400 MSPS
SNR
Signal-to-noise ratio
dB
First Nyquist zone < fDATA/2, fDATA = 78 MSPS,
fOUT = 15.6 MHz, 15.8 MHz, 16.2 MHz, 16.4 MHz,
72
IOVDD = 1.8 V, fDAC = 314 MSPS
Single carrier W-CDMA with 3.84-MHz BW, 5-MHz spacing,
centered at IF, TESTMODEL 1, 10 ms, fDATA = 122.88 MSPS,
72
baseband, dual DAC, 2
× interpolation,
fOUT = 245 MSPS
Single carrier W-CDMA with 3.84-MHz BW, 5-MHz spacing,
centered at IF, TESTMODEL 1, 10 ms, fDATA = 76.8 MSPS, IF
77
= 19.2 MHz, dual DAC, 2
× interpolation,
fOUT = 153.6 MSPS
Single carrier W-CDMA with 3.84-MHz BW, 5-MHz spacing,
centered at IF, TESTMODEL 1, 10 ms, fDATA = 122.88 MSPS,
76
IF = 30.72 MHz, dual DAC, 2
× interpolation, f
DAC = 245 MSPS
ACLR
Adjacent channel power ratio
dB
Single carrier W-CDMA with 3.84-MHz BW, 5-MHz spacing,
centered at IF, TESTMODEL 1, 10 ms, fDATA = 61.44 MSPS,
73
IF = 61.44 MHz, quad mode, fs/4, 4
×
interpolation, fDAC = 245 MSPS
Two-carrier W-CDMA with 3.84-MHz BW, 5-MHz spacing,
centered at IF, TESTMODEL 1, 10 ms, fDATA = 122.88 MSPS,
72
IF = 30.72 MHz, dual DAC, 2
× interpolation, f
DAC = 245 MSPS
Four-carrier W-CDMA with 3.84-MHz BW, 5-MHz spacing,
centered at IF, TESTMODEL 1, 10 ms, fDATA = 121.88 MSPS,
64
complex IF - 30.72 MHz, quad mode, fs/4, 4
× interpolation, IF
= 92.16 MHz
fDATA = 160 MSPS, fOUT = 60.1 and 61.1 MHz, 2× interp-
olation,
74
320 MSPS, IOVDD = 1.8 V, each tone at –6 dBFS
Third-order two-tone
IMD3
dBc
intermodulation
fDATA = 100 MSPS, fOUT = 15.1 and 16.1 MHz, 2× interp-
olation,
84
200 MSPS, IOVDD = 1.8 V, each tone at –6 dBFS
fDATA = 100 MSPS, fOUT = 15.6 MHz, 15.8 MHz, 16.2 MHz,
IMD
Four-tone intermodulation
16.4 MHz, 4
× interpolation, 400 MSPS, IOVDD = 1.8 V, each
85
dBc
tone at –12 dBFS
over operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 3.3 V, DVDD = 1.8
V, IOUT
FS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CMOS Interface
VIH
High-level input voltage
2
3
V
VIL
Low-level input voltage
0
0
0.8
V
IIH
High-level input current
–40
40
µA
IIL
Low-level input current
–40
40
µA
Input capacitance
5
pF
IL = –100 µA
IOVDD – 0.2
High-level output voltage,
VOH
V
PLLLOCK, SDO, SDIO (I/O)
IL = –8 mA
0.8
× IOVDD
(1)
Specifications subject to change without notice.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com