Electronic Components Datasheet Search
  English  ▼

X  

DAC5686 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC5686 Datasheet HTML 22Page - Texas Instruments DAC5686 Datasheet HTML 23Page - Texas Instruments DAC5686 Datasheet HTML 24Page - Texas Instruments DAC5686 Datasheet HTML 25Page - Texas Instruments DAC5686 Datasheet HTML 26Page - Texas Instruments DAC5686 Datasheet HTML 27Page - Texas Instruments DAC5686 Datasheet HTML 28Page - Texas Instruments DAC5686 Datasheet HTML 29Page - Texas Instruments DAC5686 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
www.ti.com
Dual-Bus Mode
IOUTB1
IOUTB2
IOUTA1
IOUTA2
16-Bit
DAC
DA[15:0]
DB[15:0]
2Fdata
2 – 16 y Fdata
Fdata
y2
16-Bit
DAC
2Fdata
y2
FIR1
Edge Triggered
Input Latches
• ••
• ••
DEMUX
CLK1
DA[15:0]
DB[15:0]
ts(DATA)
th(DATA)
A0
A1
A2
AN
AN+1
A3
B0
B1
B2
BN
BN+1
B3
CLK2
DA[15:0]
DB[15:0]
ts(DATA)
th(DATA)
A0
A1
A2
AN
AN+1
A3
B0
B1
B2
BN
BN+1
B3
PLLLOCK
td(PLLLOCK)
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
In dual-bus mode, two separate parallel data streams (I and Q) are input to the DAC5686 on data bus DA and
data bus DB. Dual-bus mode is selected by setting INTERL to 0 in the config_msb register. Figure 28 shows
the DAC5686 data path in dual-bus mode. The dual-bus mode timing diagram is shown in Figure 29 for the PLL
clock mode and in Figure 30 for the external clock mode.
Figure 28. Dual-Bus Mode Data Path
Figure 29. Dual-Bus Mode Timing Diagram (PLL Mode)
Figure 30. Dual-Bus Mode Timing Diagram (External Clock Mode)
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com