Electronic Components Datasheet Search
  English  ▼

X  

RSC4128 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # RSC4128
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSC4128 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button RSC4128 Datasheet HTML 13Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 14Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 15Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 16Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 17Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 18Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 19Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 20Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Data Sheet
RSC-4128
17
P/N 80-0206-J
© 2004 Sensory Inc.
The –RDR signal goes low when the –XM pin is held low and either
1) the chip executes an instruction fetch, or
2) the chip executes a MOVC read instruction, or
3) the chip executes a MOVX read instruction and the “rw” bit is zero.
This active low signal is used to enable an external ROM or other external memory containing both executable
code and fixed, read-only data.
The –RDF signal goes low when the chip executes a MOVX read instruction and the “rw” bit is set to 1. This active
low signal is used to read an external flash or other external memory that is used solely for the purpose of Data
Space, either read-only fixed data or read-write dynamic data.
The –WRD signal goes low when the processor executes a MOVX write instruction. The –WRC signal goes low
when the processor executes a MOVC write instruction. These signals do not depend on the contents of the
Extended Address Register or the –XM signal, since a write by definition cannot be done to internal ROM.
External Memory Interface during Powerdown
The external memory interface (A[19:0], D[7:0], -RDR, -WRC, -RDF and –WRD) automatically goes into a high-Z
state and is pulled up by a 100 Kohm internal resistor when the “pdn” bit is set, to conserve current.
One output, PDN, is active high when RSC-4128 is powered-down. This pin can be connected to the (active low)
chip enable pins of external memory devices to reduce power consumption during RSC-4128 power-down.
Wait States
General control of wait states is managed by register FC.Bits[7:5] (“bank” register). These bits are set to a value of
7 on reset, defaulting to slower memory. An initialization routine may be used to configure for faster memory.
Access of external ROM space is always controlled by these wait state bits. Internal ROM space and all external
R/W space accesses may also controlled by these bits, unless otherwise selected by bits in the clock extension
register (register D6, “clkExt”) The internal RAMs always operate with zero wait states.
Register D6 provides for extended control of some clocks derived from OSC1 for producing additional timer scaling
or specialized wait states. When Bit 5 is set, it overrides the “bank” register control of wait states during MOVX
instructions which access external read/write memory (register D2.Bit4=1), and forces a fixed value of 4 wait states
(nominal 350ns access). When Bit 7 is set, it overrides the “bank” register control of wait states during internal
ROM accesses and forces zero wait states. Using these controls, various memory access speeds may be
accommodated within one application.
Bit 5
0: Certain MOVX* instructions use the Wait State divisor in register FC.Bits[7:5]
1:Certain MOVX* use fixed 4 Wait States (nominal 350nsec access)
Cleared by reset
Bit 6
0: MT timer clock is disabled
1: MT timer clock I s enabled
Cleared by reset
Bit 7
0: Accesses to internal ROM use the Wait State divisor set in register 0FCh[7:5]
1: Accesses to internal ROM use selected CLK (no wait states)
Cleared by reset.
* MOVX accessing external read-write memory (“rw”; register D2.Bit4=1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com