Electronic Components Datasheet Search
  English  ▼

X  

RSC4128 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RSC4128
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSC4128 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RSC4128 Datasheet HTML 1Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 2Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 3Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 4Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 5Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 6Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 7Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 8Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
RSC-4128
Speech Recognition Processor
Data Sheet
© 2004 Sensory Inc.
P/N 80-0206-J
1
General Description
The RSC-4128 represents Sensory’s next generation
speech and analog I/O mixed signal processor. The
RSC-4128 is designed to bring advanced speech I/O
features to cost sensitive embedded and consumer
products. Based on an 8-bit microcontroller, the RSC-
4128 integrates speech-optimized digital and analog
processing blocks into a single chip solution capable
of accurate speech recognition; high quality, low
data-rate compressed speech; and advanced music.
Products can use one or all features in a single
application.
The RSC-4128 supports Sensory Speech™ 7
technology,
which
includes
advanced
speech
algorithms
that
add
features
and
improve
performance. Capable of running both new HMM and
enhanced neural network technologies, accuracy in
all kinds of noise is dramatically improved.
New
Speaker Verification technology is perfect for voice
password security applications that must work in
noisy environments. New high quality compressed
speech technology reduces data rates by 5 times.
New 8 voice MIDI-compatible music includes drum
tracks, effectively increasing instruments beyond 8.
Simultaneous music and speech rounds out the
Sensory Speech™ 7 technology.
The RSC-4128 also supports the revolutionary
capability
of
creating
speaker
independent
recognition sets by simply typing in the desired
recognition vocabulary! A few keystrokes creates a
recognition set in seconds without the wait or cost of
recording sessions to train the recognizer, speeding
time to sales.
A new and unique Audio Wakeup feature listens
while the RSC-4128 is in power down mode. When
an audio event such as a clap or whistle occurs,
Audio Wakeup will wakeup the RSC-4128 for speech
or application tasks. Audio Wakeup is perfect for
battery applications that require continuous listening
and long battery life.
In addition to improved recognition performance, the
RSC-4128 provides further on-chip integration of
features. A complete speech I/O application can be
built with as few additional parts as a clock crystal,
speaker,
microphone,
and
few
resistors
and
capacitors.
Moreover, the RSC-4128 provides an unprecedented
level
of
cost
effective
system-on-chip
(SOC)
integration, enabling many applications that require
DSP and/or audio processing. The RSC-4128 may
be used as a general-purpose mixed signal
processor
platform
for
custom
algorithms,
technologies and applications.
Features
Full Range of Sensory Speech™ 7 Capabilities
Enhanced Word Spotting capability (10 SI or 4 SD
words) in parallel
Noise robust Speaker Independent, Dependent &
Continuous Listening recognition
Speaker Verification (SVWS) – Noise robust voice
biometric security
High quality, 3.7-7.8 kbps speech synthesis & sound
effects with Sensory “SX” synthesis technology
8 voice MIDI-compatible music synthesis coincident with
speech; drum track feature enables additional voices
Voice record & playback
Audio Wakeup from sleep
Integrated Single-Chip Solution
8-bit microcontroller
ROMless, 128KByte and 256KByte ROM options
16 bit ADC, 10 bit DAC and microphone pre-amplifier
Independent, programmable Digital Filter engine
4.8 KBytes total RAM (256Bytes “user” application RAM)
Five timers (3 GP, 1 Watchdog, 1 Multi Tasking)
Twin-DMA, Vector Math accelerator, and Multiplier
Built-in Analog Comparator Unit (4 inputs)
External memory bus: 20-bit Address(1Mbyte), 8-bit Data
On chip storage for SD, SV, templates (10 templates)
Code security through no ROM dump capability
Uses low cost 3.58MHz crystal (internal PLL)
Low EMI design for FCC and CE requirements
24 configurable I/O lines with 10 mA (typical) outputs
Fully nested interrupt structure with up to 8 sources
Optional Real Time Clock
Long Battery Life
2.4 – 3.6V operation
12mA (typical) operating current at 3V
2 low power modes; 1
µA typical sleep current
Full Suite of Quick & Powerful Tools
Quick Text-to-SI (T2SI) text entry to build noise robust SI
recognition sets – low cost & push-button – no recording!
Quick Synthesis for push-button speech compression
Integrated Development Environment, C Compiler,
Debugger & In Circuit Emulator from Phyton, Inc.


Similar Part No. - RSC4128

ManufacturerPart #DatasheetDescription
logo
Lumberg
RSC4-7 LUMBERG-RSC4-7 Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
RSC4-9 LUMBERG-RSC4-9 Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
RSC401-11 LUMBERG-RSC401-11 Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
RSC401-13.5 LUMBERG-RSC401-13.5 Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
RSC401-16 LUMBERG-RSC401-16 Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
More results

Similar Description - RSC4128

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
Universal Speech Processor
logo
List of Unclassifed Man...
ISD-T267SP ETC-ISD-T267SP Datasheet
4Mb / 100P
DIGITAL SPEECH PROCESSOR
logo
Microchip Technology
SP0264 MICROCHIP-SP0264 Datasheet
344Kb / 12P
NARRATOR SPEECH PROCESSOR
1989
logo
List of Unclassifed Man...
RSC-164I ETC1-RSC-164I Datasheet
60Kb / 5P
General Purpose Microcontroller Featuring Speech Recognition, Speaker Verification, and Speech Synthesis.
HM2007 ETC1-HM2007 Datasheet
1Mb / 21P
SPEECH RECOGNITION
logo
OKI electronic componet...
ML2110 OKI-ML2110 Datasheet
532Kb / 101P
Speech Control Processor
logo
List of Unclassifed Man...
80-0206-R ETC1-80-0206-R Datasheet
511Kb / 49P
Speech Recognition Processor
80-0274-E ETC1-80-0274-E Datasheet
84Kb / 5P
VR Stamp??With Serial EEPROM Speech Recognition Module
RSC-464 ETC1-RSC-464 Datasheet
400Kb / 41P
Speech Recognition Processor
RSC-300 ETC2-RSC-300 Datasheet
118Kb / 8P
Speech Recognition Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com