Electronic Components Datasheet Search
  English  ▼

X  

RSC4128 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # RSC4128
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSC4128 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button RSC4128 Datasheet HTML 16Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 17Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 18Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 19Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 20Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 21Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 22Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 23Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
RSC-4128
Data Sheet
20
P/N 80-0206-J
© 2004 Sensory Inc.
After source selection, the processor clock can be divided-down in order to limit power consumption.
Register
E8.Bits 4 and 3 determine the divisor:
E8.Bit4
E8.Bit3
Processor Clock Divisor
0
0
1/2
0
1
1/1 (reset default)
1
0
1/8
1
1
1/256
A Processor Clock divisor of 1/1 is typically required for Sensory Speech 7 technology.
The processor clock is gated by the Wake-up delay and also gated by “pdn”=0 (register E8.Bit7), in such a way that
the processor is stopped in a zero-power state with no loss of context.
Other System Clocks
The following functional clocks are generated from OSC1: CLK1, the digital filter clock, the analog front end (AFE)
master clock, the L1 clock, Timer1 clock, Timer3 clock, and the Multi-Task timer clock. The Timer2 clock and the
Watchdog timer clock are generated from OSC2. (see each block’s section for clocking details) All clocks except
the Timer2 and Audio Wakeup clocks are gated with the pdn = 0, to assure they are disabled during IDLE and
SLEEP modes. Timer2 and Audio Wakeup can run during Idle mode to produce a T2 Wakeup or Audio Wakeup.
(see “Power and Wakeup Control” section)
Timers/Counters
Four programmable timers and one fixed timer in the RSC-4128 provide a variety of timing/counting options. Timers
1, 2, 3 and the Multi-Tasking timer can all generate interrupts upon overflow. (See “Interrupts” section)
Timers 1 and 3
Each of Timer1 (T1) and Timer3 (T3) consists of an 8-bit reload value register, an 8-bit up-counter, and a 4-bit
decoded prescaler register. Each is clocked by CLK1 divided by 16. The reload register is readable and writeable
by the processor. The counter is readable with precaution taken against a counter change in the middle of a read.
NOTE: If the processor writes to the counter, the data is ignored. Instead, the act of writing to the counter causes
the counter to preset to the reload register value.
When the timer overflows from FFH, a pulse is generated that sets register FE.Bit 0 (“irq” register; T1 bit) or register
FE. Bit 4(T3 bit). The width of the pulse is the pre-scaled counter clock period. Instead of overflowing to 00, the
counter is automatically reloaded on each overflow.
For example, if the reload value is 0FAH, the counter will count as follows:
0FAH, 0FBH, 0FCH, 0FDH, 0FEH, 0FFH, 0FAH, 0FBH etc.
The overflow pulse is generated during the period after the counter value reaches 0FFH.
A separate 4-bit decoded prescaler register is between the clock source and the up-counter for each of T1 and T3.
The 4bits represent the power of 2 used to divide the timer clock before applying it to the up-counter. For example,
a prescaler value of 0 passes the timer clock directly through (divides by 2^0 = 1). A prescaler value of 5 divides the
timer clock by 2^5 = 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com