Electronic Components Datasheet Search
  English  ▼

X  

RSC4128 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # RSC4128
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSC4128 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button RSC4128 Datasheet HTML 33Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 34Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 35Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 36Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 37Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 38Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 39Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 40Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
Data Sheet
RSC-4128
37
P/N 80-0206-J
© 2004 Sensory Inc.
Address R/W
Name
Reset
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
0000 0000
pwrl
detect
thrh2
thrh1
thrh0
thrl2
thrl1
thrl0
CD
W
RESERVED
R
RESERVED
CC
RESERVED
CB
RESERVED
CA
RESERVED
C9
RESERVED
C8
RESERVED
RESERVED
C7
RESERVED
C6
RESERVED
C5
RESERVED
C4
RESERVED
C3
RESERVED
RESERVED
C2
RESERVED
RESERVED
C1
RESERVED
RESERVED
C0
RESERVED
RESERVED
Reset: “x” = unknown/don’t care, ‘-‘ = not implemented
* Only “0” can be written to “irq” bits. “1” is a “nop” for the bit to which it is written. When using Sensory Speech technology, always write “1” to
“block” and “endmark” in the “irq” register to avoid conflicting with technology code control of these bits.
** Write value is ignored and reload register value is written instead.
*** -anctlen (Bit7) of values written to the “anCtl” register must be “0” to enable writing the other bits in the value to “anCtl”.
**** When using Sensory Speech technology, “fclk_on”, “L1clk_on”, and “block” and “endmark” in the “imr” register should be left at the values
programmed by the technology code. A read-modify-write action should be used to modify the registers to avoid changing these bits.
***** “trap” must always be written as “0” in the “flags” and “flagsHold” registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com