Electronic Components Datasheet Search
  English  ▼

X  

RSC4128 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # RSC4128
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSC4128 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button RSC4128 Datasheet HTML 14Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 15Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 16Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 17Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 18Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 19Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 20Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 21Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
RSC-4128
Data Sheet
18
P/N 80-0206-J
© 2004 Sensory Inc.
Instruction
Opcode
Operand 1
Operand 2
Description
Bytes
Cycles
+Cycles/
Waitstate
MOV
10
dest
Source
register to register
3
5
3
MOV
11
@dest
Source
register to register-indirect
3
5
3
MOV
12
dest
@source
register-indirect to register
3
6
3
MOV
13
dest
#immed
immediate data to register
3
4
3
MOVC
14
dest
@source
code space to register
3
7
4
MOVC
15
@dest
Source
register to code space
3
8
4
MOVX
16
dest
@source
data space to register
3
7
4*
MOVX
17
@dest
Source
register to data space
3
8
4*
POP
18
dest
@++source
register to register data
stack pop (source pre-
incremented)
3
10
3
PUSH
19
@dest--
Source
register to register data
stack push (dest post-
decremented)
3
9
3
MOVY
1A
dest
@source
RAMY to register, indirect
3
7
3
MOVY
1B
@dest
source
register to RAMY, indirect
3
7
3
MOVD
1C
dest_pair
source_pair
register to register, direct,
16-bit MOV
3
7
3
*MOVX instructions will have the number of wait states selected by register FC.Bits[7:5], unless register D2.Bit4
and register D6.Bit5 are set, in which case the number of wait states is fixed at 4.
On-Chip ROM
The RSC-4128 includes integrated on-chip ROM. This ROM is enabled when the –XM pin is tied , or pulled high by
it’s own internal pullup resistor. This ROM space can combine both Code and Data.
ROM code Security Feature
The RSC-4128 has only one external memory enable pin (-XM), designed to prevent configuring code space for
both internal and external memory. This discourages executing external code that reads internal code via the
MOVC instruction and dumps it externally.
In this way, a substantial measure of security is provided for the
developer’s application code.
Oscillators
Two independent oscillators in the RSC-4128 provide a high-frequency oscillator (OSC1), and a 32 KHz time-
keeping and power-saving oscillator (OSC2). The oscillator characteristics are:
OSC
FREQ
PLL PINS
SOURCES
1
3.58 MHz 4X
XI1
XO1
Crystal
Ceramic resonator
LC
2
32768 Hz N/A XI2
XO2
Crystal
Internal RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com