Electronic Components Datasheet Search
  English  ▼

X  

AD5767 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5767
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5767 Datasheet(HTML) 5 Page - Analog Devices

  AD5767 Datasheet HTML 1Page - Analog Devices AD5767 Datasheet HTML 2Page - Analog Devices AD5767 Datasheet HTML 3Page - Analog Devices AD5767 Datasheet HTML 4Page - Analog Devices AD5767 Datasheet HTML 5Page - Analog Devices AD5767 Datasheet HTML 6Page - Analog Devices AD5767 Datasheet HTML 7Page - Analog Devices AD5767 Datasheet HTML 8Page - Analog Devices AD5767 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Data Sheet
AD5766/AD5767
Rev. C | Page 5 of 43
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Total Unadjusted Error
−0.9
±0.18
+0.9
%FSR
−10 V to 0 V range
−0.9
±0.18
+0.9
%FSR
±5 V range
−0.8
±0.15
+0.8
%FSR
−16 V to 0 V range
−0.8
±0.15
+0.8
%FSR
−10 V to +6 V range
−0.7
±0.13
+0.7
%FSR
−20 V to 0 V range
−0.7
±0.13
+0.7
%FSR
±10 V range
−0.6
±0.12
+0.6
%FSR
−12 V to +14 V range
−0.6
±0.12
+0.6
%FSR
−16 V to +10 V range
DC Crosstalk
30
µV
Due to output voltage change
35
µV/mA
Due to load current change (1 LSB)
OUTPUT CHARACTERISTICS
Output Voltage Ranges1
−20
0
V
−16
0
V
−10
0
V
−10
+6
V
−12
+14
V
−16
+10
V
−5
+5
V
−10
+10
V
Output Current
−20
+20
mA
Refer to the Thermal Considerations section
Capacitive Load Stability
1
nF
DC Output Impedance
0.2
Ω
Short-Circuit Current
±60
mA
Single channel only
Output Amplifier Bandwidth
108
kHz
REFERENCE INPUT
Reference Input Voltage
2.5
V
±1% for specified performance
Reference Range
2.375
2.625
V
Functional performance only
DC Input Impedance
2.5
MΩ
Input Current
1
µA
DITHER INPUTS
For dither input to DAC output attenuation, see
Figure 62 to Figure 65 for typical performance
Dither Frequency
10
kHz
Lower −3 dB point
100
kHz
Upper −3 dB point
Amplitude
0.25
V p-p
Peak-to-peak ac voltage
0
AVCC
V
Peak-to-peak ac and dc voltage
DC Shift
See the Terminology section
AD5766
−2
±1
+2
LSB
AD5767
−1
±0.063
+1
LSB
Dither Transient
Dither enabled/disabled, N0 and N1 floating
Dither Selected Channel
5
nV-sec
AVCC = 2.97 V and AVCC = 3.6 V
Dither Nonselected Channels
2
nV-sec
AVCC =2.97 V and AVCC = 3.6 V
Dither Crosstalk1
−70
dB
10 kHz dither frequency
−55
dB
100 kHz dither frequency
LOGIC INPUTS
Input High Voltage, VIH
0.7 × VLOGIC
V
Input Low Voltage, VIL
0.3 × VLOGIC
V
Input Current
−2
+2
µA
Per pin
−6
+6
µA
RESET pin pulled high
−57
+57
µA
RESET pin pulled low
Input Capacitance
2
pF
Per pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com