Electronic Components Datasheet Search
  English  ▼

X  

AD5767 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5767
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5767 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5767 Datasheet HTML 4Page - Analog Devices AD5767 Datasheet HTML 5Page - Analog Devices AD5767 Datasheet HTML 6Page - Analog Devices AD5767 Datasheet HTML 7Page - Analog Devices AD5767 Datasheet HTML 8Page - Analog Devices AD5767 Datasheet HTML 9Page - Analog Devices AD5767 Datasheet HTML 10Page - Analog Devices AD5767 Datasheet HTML 11Page - Analog Devices AD5767 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
AD5766/AD5767
Data Sheet
Rev. C | Page 8 of 43
AC PERFORMANCE CHARACTERISTICS
AVCC = 2.97 V to 3.6 V, VLOGIC = 1.7 V to 5.5 V, AVDD = 2.97 V to 15 V, AVSS = −22 V to −7 V, AGND = DGND = 0 V, VREF = 2.5 V, output
range = −10 V to 0 V, VOUTx unloaded, all specifications TMIN to TMAX, typical specifications at TA = 25°C, dither powered on, analog dither
signals not applied, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
Output Voltage Settling Time
AD5766
16
µs
¼ to ¾ scale settling to ±0.5 LSB, ±5 V range, and −10 V to 0 V range
14
µs
256 LSB step to ±0.5 LSB
AD5767
10
µs
¼ to ¾ scale settling to ±0.5 LSB, ±5 V range, and −10 V to 0 V range
4
µs
32 LSB step to ±0.5 LSB
Slew Rate
1
V/µs
Digital-to-Analog Glitch Energy
10
nV-sec
1 LSB change around major carry for 10 V span
Glitch Impulse Peak Amplitude
8
mV
Digital Feedthrough
1
nV-sec
Digital Crosstalk
2
nV-sec
Analog Crosstalk
15
nV-sec
DAC-to-DAC Crosstalk
15
nV-sec
Total Harmonic Distortion
−80
dB
VREF = 2.5 V ± 0.1 V p-p, frequency = 10 kHz, AVCC = 2.97 V and 3.6 V
−75
dB
VREF = 2.5 V ± 0.1 V p-p, frequency = 10 kHz, AVCC = 3.6 V
Output Noise Spectral Density1
375
nV/√Hz
−10 V to 0 V and ±5 V ranges, frequency = 1 kHz
605
nV/√Hz
−16 V to 0 V and −10 V to +6 V ranges, frequency = 1 kHz
750
nV/√Hz
−20 V to 0 V and ±10 V ranges, frequency = 1 kHz
835
nV/√Hz
−12 V to 14 V and −16 V to +10 V ranges, frequency = 1 kHz
280
nV/√Hz
−10 V to 0 V and ±5 V ranges, frequency = 10 kHz
440
nV/√Hz
−16 V to 0 V and −10 V to +6 V ranges, frequency = 10 kHz
470
nV/√Hz
−20 V to 0 V and ±10 V ranges, frequency = 10 kHz
610
nV/√Hz
−12 V to 14 V and −16 V to +10 V ranges, frequency = 10 kHz
Output Noise2
Dither disabled
20
μV rms
±5 V range
23
μV rms
−10 V to 0 V range
33
μV rms
−10 V to +6 V range
38
μV rms
−16 V to 0 V range
36
μV rms
±10 V range
45
μV rms
−20 V to 0 V range
45
μV rms
−16 V to 10 V range
45
μV rms
−12 V to 14 V range
1
DAC code = midscale. AVDD = VOUT_MAX + 2 V. AVSS = VOUT_MIN − 2 V.
2
0.1 Hz to 10 Hz. AVDD = VOUT_MAX + 2 V. AVSS = VOUT_MIN − 2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com