Electronic Components Datasheet Search
  English  ▼

X  

AD5767 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5767
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5767 Datasheet(HTML) 1 Page - Analog Devices

  AD5767 Datasheet HTML 1Page - Analog Devices AD5767 Datasheet HTML 2Page - Analog Devices AD5767 Datasheet HTML 3Page - Analog Devices AD5767 Datasheet HTML 4Page - Analog Devices AD5767 Datasheet HTML 5Page - Analog Devices AD5767 Datasheet HTML 6Page - Analog Devices AD5767 Datasheet HTML 7Page - Analog Devices AD5767 Datasheet HTML 8Page - Analog Devices AD5767 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
16-Channel, 16-Bit/12-Bit
Voltage Output denseDACs
Data Sheet
AD5766/AD5767
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Complete 16-channel, 12-bit/16-bit DACs
8 software-programmable output ranges: −20 V to 0 V,
−16 V to 0 V, −10 V to 0 V, −10 V to +6 V, −12 V to +14 V,
−16 V to +10 V, ±5 V and ±10 V
Integrated DAC output buffers with ±20 mA output current
capability
4 mm × 4 mm WLCSP package and 40-lead LFCSP package
Integrated reference buffers
2 dither signal input pins
Channel monitoring multiplexer
1.8 V logic compatibility
Temperature range: −40°C to +105°C
APPLICATIONS
Mach Zehnder modulator bias control
Optical networking
Instrumentation
Industrial automation
Data acquisition systems
Analog output modules
GENERAL DESCRIPTION
The AD5766/AD5767 are 16-channel, 16-bit/12-bit, voltage output
denseDAC® digital-to-analog converters (DACs).
The DACs generate output voltage ranges from an external 2.5 V
reference. Depending on the voltage range selected, the midpoint
of the output span can be adjusted, allowing a minimum output
voltage as low as −20 V or a maximum output voltage of up to
+14 V. Each of the 16 channels can be monitored with an
integrated output voltage multiplexer.
The AD5766/AD5767 have integrated output buffers that can
sink or source up to 20 mA. In conjunction with these buffers, a
low frequency signal can be superimposed onto each DAC output
via dedicated dither pins. These dedicated dither pins simplify
the system design by reducing the number of external components
required for a similar external implementation, like operational
amplifiers or resistors. The reduction of external components
makes the AD5766/AD5767 suitable for indium phosphide Mach
Zehnder modulator (InP MZM) biasing applications.
The devices incorporate a power-on reset (POR) circuit that
ensures that the DAC outputs are clamped to ground on power
up and remain at this level until the output range of the DAC is
configured. The outputs of all DACs are updated through register
configuration, with the added functionality of user-selectable
DAC channels to be simultaneously updated.
The AD5766/AD5767 use a versatile 4-wire serial interface that
operates at clock rates of up to 50 MHz for write mode and is
compatible with serial peripheral interface (SPI), QSPI™,
MICROWIRE™, and DSP interface standards. The AD5766/
AD5767 also contain a VLOGIC pin intended for 1.8 V/3.3 V/5 V
logic.
The AD5766/AD5767 are available in a 4 mm × 4 mm WLCSP
package and a 40-lead LFCSP package. The AD5766/AD5767
operate at a temperature range of −40°C to +105°C.
FUNCTIONAL BLOCK DIAGRAM
INPUT
REGISTER 0
INPUT
REGISTER 1
n
n
n
DAC 0
DAC 1
n
DAC 15
RANGE
SET DAC
VREF
VOUT15
VOUT1
VOUT0
SDI
SCLK
SDO
VLOGIC
SYNC
AD5766/AD5767
INPUT
SHIFT
REGISTER
AND
CONTROL
LOGIC
AVDD
INPUT
REGISTER 15
DAC
REGISTER 0
DAC
REGISTER 1
DAC
REGISTER 15
AVCC
N0
N1
RESET
DGND
16-TO-1
MUX
MUX_OUT
VOUT0
VOUT15
AGND
AVSS
AGND
Figure 1.


Similar Part No. - AD5767

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5767BCBZ-RL7 AD-AD5767BCBZ-RL7 Datasheet
1Mb / 43P
16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
1/2018-Rev. B to Rev. C
AD5767BCBZ-RL7 AD-AD5767BCBZ-RL7 Datasheet
3Mb / 17P
Evaluating the AD5766 or the AD5767, 16-Channel, 16-/12-Bit Voltage Output DenseDACs
Rev. 0
AD5767BCPZ-RL7 AD-AD5767BCPZ-RL7 Datasheet
1Mb / 43P
16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
1/2018-Rev. B to Rev. C
More results

Similar Description - AD5767

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5516 AD-AD5516 Datasheet
197Kb / 16P
16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
AD5516 AD-AD5516_03 Datasheet
228Kb / 16P
16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. B
logo
Texas Instruments
DAC7632VFTG4 TI1-DAC7632VFTG4 Datasheet
1Mb / 26P
16-Bit, Dual Voltage Output
logo
Analog Devices
AD5516 AD-AD5516_15 Datasheet
228Kb / 16P
16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. B
logo
Texas Instruments
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
Analog Devices
AD5766 AD-AD5766 Datasheet
1Mb / 43P
16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
1/2018-Rev. B to Rev. C
logo
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
Analog Devices
AD5512A AD-AD5512A Datasheet
503Kb / 21P
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C
AD5629R AD-AD5629R_18 Datasheet
1Mb / 30P
Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
6/2018-Rev. E to Rev. F
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
16-Channel, 16-Bit Voltage Output SoftSpan DAC
6/2021-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com