Electronic Components Datasheet Search
  English  ▼

X  

AD5767 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5767
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5767 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5767 Datasheet HTML 5Page - Analog Devices AD5767 Datasheet HTML 6Page - Analog Devices AD5767 Datasheet HTML 7Page - Analog Devices AD5767 Datasheet HTML 8Page - Analog Devices AD5767 Datasheet HTML 9Page - Analog Devices AD5767 Datasheet HTML 10Page - Analog Devices AD5767 Datasheet HTML 11Page - Analog Devices AD5767 Datasheet HTML 12Page - Analog Devices AD5767 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
Data Sheet
AD5766/AD5767
Rev. C | Page 9 of 43
TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of AVDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 2,
Figure 3, and Figure 4. AVCC = 2.97 V to 3.6 V, VLOGIC = 1.7 V to 5.5 V, VREF = 2.5 V, all specifications −40°C to +105°C, dither powered on,
unless otherwise noted.
Table 4.
Parameter
Limit at TMIN, TMAX
Unit
Description
t11
20
ns min
SCLK cycle time
t2
10
ns min
SCLK high time
t3
10
ns min
SCLK low time
t4
15
ns min
SYNC falling edge to SCLK falling edge setup time
t5
15
ns min
SCLK falling edge to SYNC rising edge time
t6
20
ns min
Minimum SYNC high time (write mode)
t7
5
ns min
Data setup time
t8
5
ns min
Data hold time
t9
4
µs typ
DAC output settling time, 32 code step to ±0.5 LSB at 12-bit resolution (see Table 3)
t10
100
ns typ
RESET2 pulse width low
t11
100
ns typ
RESET2 pulse activation time
t12
10
ns min
SYNC rising edge to SCLK falling edge
t13
40
ns max
SCLK rising edge to SDO valid (CL_SDO3 = 15 pF)
t14
80
ns min
Minimum SYNC high time (readback/daisy-chain mode)
t15
5
µs typ
SYNC rising edge to SYNC rising edge (DAC register updates)
1
Maximum SCLK frequency is 50 MHz for write mode and 10 MHz for readback mode.
2
Minimum time between a reset and the subsequent successful write is typically 25
ns.
3
CL_SDO is the capacitive load on the SDO output.
Timing Diagrams
D23
SCLK
SDI
RESET
VOUT
VOUT
24
2
1
D0
SYNC
t6
t4
t3
t2
t1
t5
t7
t8
t15
t9
t10
t11
Figure 2. Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com