Electronic Components Datasheet Search
  English  ▼

X  

AD5767 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5767
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5767 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5767 Datasheet HTML 3Page - Analog Devices AD5767 Datasheet HTML 4Page - Analog Devices AD5767 Datasheet HTML 5Page - Analog Devices AD5767 Datasheet HTML 6Page - Analog Devices AD5767 Datasheet HTML 7Page - Analog Devices AD5767 Datasheet HTML 8Page - Analog Devices AD5767 Datasheet HTML 9Page - Analog Devices AD5767 Datasheet HTML 10Page - Analog Devices AD5767 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Data Sheet
AD5766/AD5767
Rev. C | Page 7 of 43
AVCC = 2.97 V to 3.6 V, VLOGIC = 1.7 V to 5.5 V, AVDD = 2.97 V to 16 V, AVSS = −22 V to −7 V, AGND = DGND = 0 V, VREF = 2.5 V, output
range = ±5 V, VOUTx unloaded, all specifications TMIN to TMAX, typical specifications at TA = 25°C, dither powered off, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
BIPOLAR ZERO ERROR
−50
±11
+50
mV
±5 V range
−75
±12
+75
mV
−10 V to +6 V range
−90
±12
+90
mV
±10 V range
−110
±13
+110
mV
−12 V to +14 V range
−110
±13
+110
mV
−16 V to +10 V range
ZERO-SCALE ERROR
All 0s loaded to DAC register
−50
±15
+50
mV
−10 V to 0 V range
−50
±15
+50
mV
±5 V range
−75
±20
+75
mV
−16 V to 0 V range
−75
±20
+75
mV
−10 V to +6 V range
−90
±25
+90
mV
−20 V to 0 V range
−90
±25
+90
mV
±10 V range
−110
±35
+110
mV
−12 V to +14 V range
−110
±35
+110
mV
−16 V to +10 V range
FULL-SCALE ERROR
−0.5
±0.15
+0.5
% FSR
All 1s loaded to DAC register; all output ranges
GAIN ERROR
−0.3
±0.07
+0.3
% FSR
All output ranges
OFFSET ERROR
−50
±15
+50
mV
−10 V to 0 V range
−50
±15
+50
mV
±5 V range
−75
±20
+75
mV
−16 V to 0 V range
−75
±20
+75
mV
−10 V to +6 V range
−90
±25
+90
mV
−20 V to 0 V range
−90
±25
+90
mV
±10 V range
−110
±35
+110
mV
−12 V to +14 V range
−110
±35
+110
mV
−16 V to +10 V range
TOTAL UNADJUSTED ERROR
−0.5
±0.12
+0.5
%FSR
All output ranges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com