Electronic Components Datasheet Search
  English  ▼

X  

AD5767 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5767
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5767 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5767 Datasheet HTML 14Page - Analog Devices AD5767 Datasheet HTML 15Page - Analog Devices AD5767 Datasheet HTML 16Page - Analog Devices AD5767 Datasheet HTML 17Page - Analog Devices AD5767 Datasheet HTML 18Page - Analog Devices AD5767 Datasheet HTML 19Page - Analog Devices AD5767 Datasheet HTML 20Page - Analog Devices AD5767 Datasheet HTML 21Page - Analog Devices AD5767 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
AD5766/AD5767
Data Sheet
Rev. C | Page 18 of 43
–40
100
60
0
20
80
40
–20
–19.0
–22.0
–20.5
–19.5
–20.0
–21.0
–21.5
–22.5
TEMPERATURE (°C)
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
±5V RANGE
Figure 19. Zero-Scale Error vs. Temperature
–40
100
60
0
20
80
40
–20
0.020
0.015
0.005
0.010
0
TEMPERATURE (°C)
–10V TO +6V RANGE
±5V RANGE
±10V RANGE
–12V TO +14V AND –16V TO +10V RANGE
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
Figure 20. Bipolar Zero Error vs. Temperature
–40
100
60
0
20
80
40
–20
0.20
0.18
0.06
0.12
0.16
0.04
0.10
0.14
0.02
0.08
0
TEMPERATURE (°C)
–20V TO 0V RANGE
–10V TO 0V RANGE
±5V RANGE
–12V TO +14V AND –16V TO +10V RANGE
–16V TO 0V RANGE
–10V TO +6V RANGE
±10V RANGE
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
Figure 21. Full-Scale Error vs. Temperature
–40
100
60
0
20
80
40
–20
0.10
0.09
0.03
0.06
0.08
0.02
0.05
0.07
0.01
0.04
0
TEMPERATURE (°C)
–20V TO 0V RANGE
–10V TO 0V RANGE
±5V RANGE
–12V TO +14V AND –16V TO +10V RANGE
–16V TO 0V RANGE
–10V TO +6V RANGE
±10V RANGE
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
Figure 22. Gain Error vs. Temperature
–40
100
60
0
20
80
40
–20
15
10
–20
–5
5
–25
–10
0
–15
–30
TEMPERATURE (°C)
–20V TO 0V RANGE
–10V TO 0V RANGE
±5V RANGE
–12V TO +14V AND –16V TO +10V RANGE
–16V TO 0V RANGE
–10V TO +6V RANGE
±10V RANGE
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
Figure 23. Offset Error vs. Temperature
–40
100
60
0
20
80
40
–20
0.25
0.20
0
0.15
–0.05
0.10
0.05
–0.10
TEMPERATURE (°C)
–20V TO 0V RANGE
–10V TO 0V RANGE
±5V RANGE
–12V TO 14V AND –16V TO +10V RANGE
–16V TO 0V RANGE
–10V TO +6V RANGE
±10V RANGE
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
Figure 24. Total Unadjusted Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com