Electronic Components Datasheet Search
  English  ▼

X  

AD5767 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5767
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5767 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5767 Datasheet HTML 2Page - Analog Devices AD5767 Datasheet HTML 3Page - Analog Devices AD5767 Datasheet HTML 4Page - Analog Devices AD5767 Datasheet HTML 5Page - Analog Devices AD5767 Datasheet HTML 6Page - Analog Devices AD5767 Datasheet HTML 7Page - Analog Devices AD5767 Datasheet HTML 8Page - Analog Devices AD5767 Datasheet HTML 9Page - Analog Devices AD5767 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
AD5766/AD5767
Data Sheet
Rev. C | Page 6 of 43
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC OUTPUT
Output Low Voltage
0.4
V
Sinking 200 µA
Output High Voltage
VLOGIC − 0.4
V
Sourcing 200 µA
High Impedance Leakage
Current
−1
+1
µA
High Impedance Output
Capacitance
5
pF
VOLTAGE MONITOR PIN
(MUX_OUT)
Impedance
1.3
kΩ
Three-State Leakage Current
−1
0.006
+1
µA
Continuous Current
−1
+1
mA
Die temperature below 105°C
Glitch Impulse
0.2
nV-sec
VOUTx glitch due to mux enable
Voltage Settling Time
12
µs
¼ to ¾ scale settling to ±0.5 LSB, ±5 V range
and −10 V to 0 V range
POWER SUPPLIES
AVDD
2.97
16
V
AVDD − AVSS must be less than or equal to 30 V
AVSS
−22
−7
V
AVDD − AVSS must be less than or equal to 30 V
AVCC
2.97
3.6
V
VLOGIC
1.7
5.5
V
Headroom/Footroom
±0.7
V
Output voltage offset to ±2 LSB for 20 mA
output load; applies to AVDD and AVSS
±2
V
Output voltage offset to ±1 LSB for 20 mA
output load; applies to AVDD and AVSS
Normal Mode
AIDD
6
9
mA
All output ranges, −40°C to +105°C
AISS
−11
−9
mA
All output ranges, −40°C to +105°C
AICC
8.3
10
mA
All output ranges, −40°C to +105°C
ILOGIC
0.02
1
µA
All output ranges, −40°C to +105°C,
VIH = VLOGIC, VIL = DGND
DC Power Supply Rejection
Ratio (PSRR)
50
µV/V
AVDD power supply
50
µV/V
AVSS power supply
3
mV/V
AVCC power supply
AC Power Supply Rejection
Ratio (PSRR)
−80
dB
AVDD power supply, at 50 Hz
−80
dB
AVSS power supply, at 50 Hz
−50
dB
AVCC power supply, at 50 Hz
1
Output amplifier headroom requirement is 2 V minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com