Electronic Components Datasheet Search
  English  ▼

X  

AD5767 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5767
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5767 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5767 Datasheet HTML 16Page - Analog Devices AD5767 Datasheet HTML 17Page - Analog Devices AD5767 Datasheet HTML 18Page - Analog Devices AD5767 Datasheet HTML 19Page - Analog Devices AD5767 Datasheet HTML 20Page - Analog Devices AD5767 Datasheet HTML 21Page - Analog Devices AD5767 Datasheet HTML 22Page - Analog Devices AD5767 Datasheet HTML 23Page - Analog Devices AD5767 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
AD5766/AD5767
Data Sheet
Rev. C | Page 20 of 43
–10
–8
–6
–4
–2
0
2
4
–0.10
–0.08
–0.06
–0.04
–0.02
0.00
0.02
0.04
0.06
0.08
0.10
130
132
134
136
138
140
142
144
TIME (µs)
VOUTx
SYNC
RESET
±5V RANGE
AVDD/AVSS = RANGE ±2V
AVCC = 3.3V
Figure 31. Hardware Reset Glitch
–0.30
–0.20
–0.10
0
0.10
0.20
–10
–8
–6
–4
–2
2
4
6
8
10
6
8
10
12
14
16
18
20
TIME (ms)
±5V RANGE
AVDD/AVSS = RANGE ± 2V
AVSS
AVDD
AVCC, LOGIC
VOUTx
Figure 32. Power-Up Glitch
60
65
70
75
80
85
90
95
100
105
110
–10
–8
–6
–4
–2
0
2
4
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
TIME (µs)
VOUTx
SYNC
RESET
±5V RANGE
AVDD/AVSS = RANGE ±2V
AVCC = 3.3V
Figure 33. Output Span Enable Glitch
–0.5
–0.3
–0.1
0.1
0.3
0.5
0.7
0.9
0
10
2030
40
506070
80
TIME (µs)
AVDD/AVSS = RANGE ± 2V
0x7FFF TO 0x8000
WLCSP PACKAGE
Figure 34. Digital-to-Analog Glitch Impulse for WLCSP Package
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0
10
2030
40
506070
80
TIME (µs)
AVDD/AVSS = RANGE ± 2V
0x7FFF TO 0x8000
LFCSP PACKAGE
Figure 35. Digital-to-Analog Glitch Impulse for LFCSP Package
–3
–2
–1
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
45
50
TIME (µs)
±5V RANGE
AVDD/AVSS =RANGE ±2V
0x0000 TO 0xFFFF
DITHER ON
WLCSP PACKAGE
Figure 36. Analog Crosstalk for WLCSP Package (Dither Enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com