Electronic Components Datasheet Search
  English  ▼

X  

USB97C201 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 6Page - SMSC Corporation USB97C201 Datasheet HTML 7Page - SMSC Corporation USB97C201 Datasheet HTML 8Page - SMSC Corporation USB97C201 Datasheet HTML 9Page - SMSC Corporation USB97C201 Datasheet HTML 10Page - SMSC Corporation USB97C201 Datasheet HTML 11Page - SMSC Corporation USB97C201 Datasheet HTML 12Page - SMSC Corporation USB97C201 Datasheet HTML 13Page - SMSC Corporation USB97C201 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
SMSC DS – USB97C201
Page 10
Rev. 03/25/2002
PRELIMINARY
5.0 PIN DESCRIPTIONS
DISK DRIVE INTERFACE
IDE DMA
Request
IDE_DRQ
IS
This pin is the active high DMA request from
the ATA/ATAPI interface.
IDE IO Read
Strobe
IDE_nIOR
O20
This pin is the active low read signal for the
interface.
IDE Register
Address 1
IDE_SA1
O20
This pin is the register select address bit 1
signal for the ATA/ATAPI interface.
IDE Register
Address 0
IDE_SA0
O20
This pin is the register select address bit 0
signal for the ATA/ATAPI interface.
IDE Register
Address 2
IDE_SA2
O20
This pin is the register select address bit 2
signal for the ATA/ATAPI interface.
IDE Data
IDE_D15
IO20
This pin is the bi-directional data bus bit 15
signal for the ATA/ATAPI interface.
IDE IO Write
Strobe
IDE_nIOW
O20
This pin is active low write signal for the
ATA/ATAPI interface.
IDE DMA
Acknowledge
IDE_nDACK
O20
This pin is the active low DMA acknowledge
signal for the ATA/ATAPI interface.
IDE Interrupt
Request
IDE_IRQ
IS
This pin is the active high interrupt request
signal for the ATA/ATAPI interface.
IDE Data
IDE_D13
IO20
This pin is the bi-directional data bus bit 13
signal for the ATA/ATAPI interface.
IDE Data
IDE_D14
IO20
This pin is the bi-directional data bus bit 14
signal for the ATA/ATAPI interface.
.
IDE Chip
Select 0
IDE_nCS0
O20
This pin is the active low chip select 0 signal
for the ATA/ATAPI interface.
IDE Chip
Select 1 0
IDE_nCS1
O20
This pin is the active low select 1 signal for the
ATA/ATAPI interface.
IDE Data
IDE_D[0:12]
IO20
These pins are bits 0-12 of the ATA/ATAPI bi-
directional data bus.
IO Ready
IORDY
I
This pin is the active high IORDY signal from
the IDE drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59