Electronic Components Datasheet Search
  English  ▼

X  

USB97C201 Datasheet(PDF) 42 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 42 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 38Page - SMSC Corporation USB97C201 Datasheet HTML 39Page - SMSC Corporation USB97C201 Datasheet HTML 40Page - SMSC Corporation USB97C201 Datasheet HTML 41Page - SMSC Corporation USB97C201 Datasheet HTML 42Page - SMSC Corporation USB97C201 Datasheet HTML 43Page - SMSC Corporation USB97C201 Datasheet HTML 44Page - SMSC Corporation USB97C201 Datasheet HTML 45Page - SMSC Corporation USB97C201 Datasheet HTML 46Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
SMSC DS – USB97C201
Page 42
Rev. 03/25/2002
PRELIMINARY
Table 60 –ATA Slew Rate Control A Register
ATA_SRCA
(0xE5 - RESET=0x00)
ATA SLEW RATE CONTROL A REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:6]
SLEW3
R/W
These two bits are control inputs of the ATA pad for data
bits [15:12]. The bits can be used to vary the slew rate of
IDE_D[15:12] from minimum to maximum rate specified by
the ATA66 specification. The value 11b sets the slew rate
to be the maximum and the value of 00b sets the slew rate
to be the minimum.
[5:4]
SLEW2
R/W
These two bits are control inputs of the ATA pad for data
bits [11:8]. The bits can be used to vary the slew rate of
IDE_D[11:8] from minimum to maximum rate specified by
the ATA66 specification. The value 11b sets the slew rate
to be the maximum and the value of 00b sets the slew rate
to be the minimum.
[3:2]
SLEW1
R/W
These two bits are control inputs of the ATA pad for data
bits [7:4]. The bits can be used to vary the slew rate of
IDE_D[7:4] from minimum to maximum rate specified by the
ATA66 specification. The value 11b sets the slew rate to be
the maximum and the value of 00b sets the slew rate to be
the minimum.
[1:0]
SLEW0
R/W
These two bits are control inputs of the ATA pad for data
bits [3:0]. The bits can be used to vary the slew rate of
IDE_D[3:0] from minimum to maximum rate specified by the
ATA66 specification. The value 11b sets the slew rate to be
the maximum and the value of 00b sets the slew rate to be
the minimum.
Table 61 –ATA Slew Rate Control B Register
ATA_SRCB
(0xE6 - RESET=0x00)
ATA SLEW RATE CONTROL B REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:2]
Reserved
R
Always returns “0” on reads
[1:0]
SLEW4
R/W
These two bits are control inputs of the ATA pad for
STROBE signaling during Ultra ATA writes to disk. The bits
can be used to vary the slew rate of STROBE from
minimum to maximum rate specified by the ATA66
specification. The value 11b sets the slew rate to be the
maximum and the value of 00b sets the slew rate to be the
minimum.
6.2
SIE Block
The SIE is a USB low-level protocol interpreter.
The SIE controls the USB bus protocol, packet generation /
extraction, PID / Device ID parsing, and CRC coding / decodingwith autonomous error handling.
Parallel-to-serial / serial-to-parallel conversion, bit stuffing, and NRZI coding / decoding are handled in the PHY
block.
It is capable of operating either in USB 1.1 or 2.0 compliant modes. Unlike the normal 97Cxxx series SIEs, it has
more autonomous protocol handling functions like stall condition clearing on setup packets, suspend / resume / reset
conditions, and remote wakeup. It also autonomously handles the error conditions such as retry for CRC errors, Data
toggle errors, and generation of NYET, STALL, ACK and NACK depending on the endpoint buffer status.
During the power down state, the SIE clock is stopped. The SIE can asynchronously detect a USB Reset and/or
USB Resume condition and wakeup the 8051.
6.2.1
AUTONOMOUS USB PROTOCOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com