Electronic Components Datasheet Search
  English  ▼

X  

LM200WD3 Datasheet(PDF) 29 Page - LG Semicon Co.,Ltd.

Part # LM200WD3
Description  20.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM200WD3 Datasheet(HTML) 29 Page - LG Semicon Co.,Ltd.

Back Button LM200WD3 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 31Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 32Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Product Specification
LM200WD3
Liquid Crystal Display
Ver. 0.1
Apr., 20, 2012
29 / 32
7. International standards
Class 1M LED Product
IEC60825-1 : 2001
Embedded LED Power (Class1M)
Notes
1. Laser (LED Backlight) Information
2. Caution
: LED inside.
Class 1M laser (LEDs) radiation when open.
Do not open while operating.
a) UL 60950-1, Underwriters Laboratories Inc.
Information Technology Equipment - Safety - Part 1 : General Requirements.
b) CAN/CSA C22.2 No.60950-1-07, Canadian Standards Association.
Information Technology Equipment - Safety - Part 1 : General Requirements.
c) EN 60950-1:2006 + A11:2009, European Committee for Electrotechnical
Standardization(CENELEC).
Information Technology Equipment - Safety - Part 1 : General Requirements.
d) IEC 60950-1, The International Electrotechnical commission(IEC).
Information Technology Equipment - Safety - Part 1 : General Requirements.
(Including report of IEC60825-1:2001 clause 8 and clause 9)
7-3. Environment
a) RoHS, Directive 2002/95/EC of the European Parliament and of the council of 27
January 2003
7-2. EMC
a) ANSI C63.4 “American National Standard for Methods of Measurement of Radio-Noise
Emissions from Low-Voltage Electrical and Electronic Equipment in the Range of
9 kHz to 40 GHz.”
American National Standards Institute (ANSI), 2003.
b) CISPR 22 “Information technology equipment – Radio disturbance characteristics –
Limit and methods of measurement." International Special Committee on Radio
Interference (CISPR), 2005.
c) CISPR 13 “Sound and television broadcast receivers and associated equipment –
Radio disturbance characteristics – Limits and method of measurement.”
International Special Committee on Radio Interference (CISPR), 2006.
7-1. Safety



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com