Electronic Components Datasheet Search
  English  ▼

X  

LM200WD3 Datasheet(PDF) 30 Page - LG Semicon Co.,Ltd.

Part # LM200WD3
Description  20.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM200WD3 Datasheet(HTML) 30 Page - LG Semicon Co.,Ltd.

Back Button LM200WD3 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 31Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 32Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Product Specification
LM200WD3
Liquid Crystal Display
Ver. 0.1
Apr., 20, 2012
30 / 32
8. Packing
8-1. Designation of lot mark
a) Lot mark
A
B
C
D
E
F
G
H
I
J
K
L
M
A,B,C : Size (Inch)
D : Year
E : Month
F ~ M : Serial No.
Note:
1. Year
2. Month
Mark
Year
K
2020
F
2016
G
2017
H
2018
J
2019
D
2014
E
2015
C
B
A
2013
2012
2011
B
Nov
Mark
Month
A
Oct
6
Jun
7
Jul
8
Aug
9
Sep
4
Apr
5
May
C
3
2
1
Dec
Mar
Feb
Jan
b) Location of lot mark
Serial No. is printed on the label. The label is attached to the backside of the LCD module.
This is subject to change without prior notice.
8-2. Packing form
a) Package quantity in one box : 12 pcs(2 Modules are packed in 1 AL Bag.)
b) Box size : 355mm x 305mm X 560mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com